Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC908JB8FS Datasheet(PDF) 2 Page - Motorola, Inc

Part # 68HC908JB8FS
Description  Freescale Semiconductor, Inc.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC908JB8FS Datasheet(HTML) 2 Page - Motorola, Inc

  68HC908JB8FS Datasheet HTML 1Page - Motorola, Inc 68HC908JB8FS Datasheet HTML 2Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Motorola and the stylized M Logo are registered in the U.S. Patent and Trademark Office. All other
product or service names are the property of their respective owners.
© Motorola, Inc. 2002
68HC908JB8PB/D
Rev. 1
• Improves reliability by resetting the
MCU when voltage drops below trip
point
• Integration reduces system cost
LOW-VOLTAGE INHIBIT
• High sink/source capability on all I/O
pins
• 25 mA sink capability on two I/O pins
• Keyboard scan with selectable
interrupts on eight I/O pins
• High-current capable I/O allows direct
drive of LED and other circuits to
eliminate external drivers and reduce
system costs
• Keyboard scan with programmable
pullups eliminate external glue logic
when interfacing to simple keypads
UP TO 37 BIDIRECTIONAL INPUT/OUTPUT (I/O) LINES
FEATURES
BENEFITS
RESALE
PART NUMBER
PACKAGE
TEMPERATURE
RANGE
MC68HC908JB8JP
20 DIP
0 to 70°C
MC68HC908JB8ADW
28 SOIC
0 to 70°C
MC68HC908JB8FB
44 QFP
0 to 70°C
MC68HC908JB8JDW
20 SOIC
0 to 70°C
SAMPLE PACKS
PACKAGE
TEMPERATURE
RANGE
KMC908JB8ADW
28 SOIC
0 to 70°C
KMC908JB8FB
44 QFP
0 to 70°C
PACKAGE OPTIONS
• AN1831/D Using MC68HC908 On-Chip
Programming Routines
• AN2093/D Creating Efficient C Code for the MC68HC08
• AN1219/D M68HC08 Integer Math Routines
• AN1218/D HC05 to HC08 Optimization
• AN1837/D Non-Volatile Memory Technology
Review
• AN1752/D Data Structures for 8-bit MCUs
• AN1705/D Noise Reduction Techniques for
MCU-Based Systems
• AN1259/D System Design and Layout Techniques for
Noise Reduction in MCU-Based Systems
• AN1263/D Designing for Electromagnetic Compatibility
with Single-Chip Microcontrollers
• AN1050/D Designing for Electromagnetic Compatibility
(EMC) with HCMOS Microcontrollers
• AN1705/D Noise Reduction Techniques for
Microcontroller-Based Systems
And many more—see our Web site at
http://www.motorola.com/mcu
APPLICATION NOTES
A FLASH MCU SOLUTION
68HC908JB8
* All prices are manufacturer’s suggested resale for North America.
COMPUTER OPERATING PROPERLY WATCHDOG TIMER
• Provides system protection in the event
of runaway code by resetting the MCU
to a known state
TWO PROGRAMMABLE 16-BIT TIMER CHANNELS
• 333 nsec resolution at 3 MHz bus
• Free-running counter or modulo up-
counter
• Each channel independently
programmable for input capture, output
compare or unbuffered PWM
• Pairing timer channels provides a
buffered PWM function
INDIVIDUAL DEVELOPMENT TOOL COMPONENTS
EASY-TO-ORDER DEVELOPMENT TOOL KITS
PART NUMBER
DESCRIPTION
M68ICS08JB
68HC908JB8
$295
Programmer/in-circuit
debug kit
KITMMEVS08JB
Cost-effective real-time
$1450
in-circuit emulator
KITMMDS08JB
High-performance real-time
$3950
in-circuit emulator kit
M68MMDS0508
High-performance emulator
$2950
M68MMPFB0508
MMEVS platform board
$395
M68EM08JB8
Emulation module daughter
$495
board
M68CBL05C
Low-noise flex cable
$120
M68CBL05B
Low-noise flex cable
$120
M68TC08JB8P20
20-pin DIP target head adapter
$100
M68TC08JB8FB44
44-pin QFP target head
$250
adapter
M68DIP20SOIC
20-pin SOIC-DW target
$50
head adapter
M68DIP28SOIC
28-pin SOIC-DW target
$50
head adapter
M68TQS044SAG1
44-pin TQ socket with guides
$50
M68TQP044SAM01
44-pin TQPACK
$70
RESALE*
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com