Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM1K2N20 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSM1K2N20
Description  -Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSM1K2N20 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSM1K2N20 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSM1K2N20 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSM1K2N20 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSM1K2N20 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSM1K2 20
1A, 200V, RDS(O ) 1.2Ω
Ω
Ω
Ω
-Channel Enhancement Mode Power MOSFET
22-Dec-2016 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
J=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Drain-Source Breakdown Voltage
BVDSS
200
-
-
V
VGS=0, ID=250uA
Gate Threshold Voltage
VGS(th)
1
-
3
V
VDS=VGS, ID=250uA
Forward Transfer conductance
gfs
-
2.8
-
S
VDS=10V, ID=1A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS=±20V
Drain-Source Leakage Current
IDSS
-
-
1
uA
VDS=160V, VGS=0
-
-
1.2
VGS=10V, ID=1A
Static Drain-Source On-Resistance
3
RDS(ON)
-
-
1.7
VGS=4.5V, ID=0.5A
Total Gate Charge
Qg
-
8.5
-
Gate-Source Charge
Qgs
-
1.1
-
Gate-Drain (“Miller”) Charge
Qgd
-
2.1
-
nC
ID=1A
VDS=160V
VGS=10V
Turn-On Delay Time
Td(on)
-
4
-
Rise Time
Tr
-
6
-
Turn-Off Delay Time
Td(off)
-
16
-
Fall Time
Tf
-
6.5
-
Ns
VDD=100V
ID=1A
VGS=10V
RG=3.3
Input Capacitance
Ciss
-
225
-
Output Capacitance
Coss
-
50
-
Reverse Transfer Capacitance
Crss
-
15
-
pF
VGS=0
VDS=25V
f=1MHz
Source-Drain Diode
Continuous Source Current
1
IS
-
-
1
Pulsed Source Current
2
ISM
-
-
4
A
Forward On Voltage
3
VSD
-
-
1.2
V
IS=1A, VGS=0V
Reverse Recovery Time
trr
-
90
-
nS
Reverse Recovery Charge
Qrr
-
280
-
nC
IF=1A , dI/dt=100A/µs ,
TJ=25°C
Notes:
1.
Surface mounted on a 1 inch
2 FR-4 board with 2OZ copper.
2.
The power dissipation is limited by 150°C junction temperature.
3.
Pulse test : Pulse width ≦ 300us, Duty cycle ≦ 2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com