Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSP7454N Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSP7454N
Description  N-Channel Enhancement MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSP7454N Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSP7454N Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSP7454N Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSP7454N Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSP7454N Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSP7454N
26A, 60V, RDS(ON) 4.9mΩ
N-Channel Enhancement MOSFET
04-Jan-2016 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
These miniature surface mount MOSFETs utilize a high
cell density trench process to provide low RDS(on) and to
ensure minimal power loss and heat dissipation. Typical
applications are DC-DC converters and power management
in portable and battery-powered products such as computers,
printers, PCMCIA cards, cellular and cordless telephones.
FEATURES
Low RDS(on) trench technology.
Low thermal impedance.
Fast switching speed.
APPLICATIONS
DC/DC conversion circuits.
Motor drives.
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOP-8PP
3K
13 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
V
TA=25°C
26
Continuous Drain Current
1
TA=70°C
ID
21
A
Pulsed Drain Current
2
IDM
100
A
Continuous Source Current (Diode Conduction)
1
IS
7.3
A
TA=25°C
5
Power Dissipation
1
TA=70°C
PD
3.2
W
Operating Junction and Storage Temperature Range
TJ, TSTG
150, -55~150
°C
Thermal Resistance Rating
t≦10 sec
25
Maximum Thermal Resistance from
Junction to Ambient
1
Steady State
RθJA
65
°C / W
Notes:
1.
The surface of the device is mounted on a 1” x 1” FR4 board.
2.
Pulse width is limited by the maximum junction temperature.
SOP-8PP
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.80
1.00
θ
0
°
10
°
B
5.3 BSC.
b
5.2 BCS
C
0.15
0.25
c
0.20
0.50
D
3.8 BCS.
d
1.27BSC
E
6.05 BCS.
e
5.65 BCS.
F
0.03
0.30
f
0.10
0.40
G
4.35 BCS.
g
1.3 BCS.
L
0.40
0.70


Similar Part No. - SSP7454N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSP7450N SECOS-SSP7450N Datasheet
702Kb / 4P
N-Channel Enhancement MOSFET
More results

Similar Description - SSP7454N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
N-Channel Enhancement MOSFET
KX6N70F KEXIN-KX6N70F Datasheet
4Mb / 4P
N-Channel Enhancement MOSFET
SI2324DS KEXIN-SI2324DS Datasheet
2Mb / 6P
N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com