Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSP7466N Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSP7466N
Description  N-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSP7466N Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSP7466N Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSP7466N Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSP7466N Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSP7466N Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSP7466N
20A, 60V, RDS(ON) 6mΩ
Ω
Ω
Ω
N-Channel Enhancement Mode Power MOSFET
04-Jan-2016 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
SSP7466N uses advanced trench technology and design to
provide excellent RDS(ON) with low gate charge. It can be used
in a wide variety of applications.
FEATURES
Low RDS(ON) trench technology
Low thermal resistance
Fast switching speed
APPLICATIONS
White LED boost converter
Automotive systems
Industrial DC/DC conversion circuits
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOP-8PP
3K
13 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
V
TA=25°C
20
Continuous Drain Current
1
TA=70°C
ID
19
A
Pulsed Drain Current
2
IDM
100
A
Continuous Source Current(Diode Conduction)
1
IS
5
mJ
TA=25°C
3.5
Power Dissipation
1
TA=70°C
PD
3.2
W
t≦10sec
35
Maximum Thermal Resistance
from Junction to Ambient
1
Steady State
RθJA
65
°C / W
Operating Junction and Storage Temperature Range
TJ, TSTG
150, -55~150
°C
Notes:
1.
The surface of the device is mounted on a 1’’ × 1’’ FR4 board.
2.
Pulse width is limited by the maximum junction temperature.
SOP-8PP
G
S
S
S
D
D
D
D
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.80
1.00
θ
0
°
10
°
B
5.3 BSC.
b
5.2 BCS
C
0.15
0.25
c
0.20
0.50
D
3.8 BCS.
d
1.27BSC
E
6.05 BCS.
e
5.65 BCS.
F
0.03
0.30
f
0.10
0.40
G
4.35 BCS.
g
1.3 BCS.
L
0.40
0.70


Similar Part No. - SSP7466N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSP7460N SECOS-SSP7460N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7460N SECOS-SSP7460N_15 Datasheet
209Kb / 2P
N-Channel Enhancement MOSFET
SSP7461P SECOS-SSP7461P Datasheet
168Kb / 2P
P-Channel Enhancement MOSFET
SSP7461P SECOS-SSP7461P_15 Datasheet
206Kb / 2P
P-Channel Enhancement MOSFET
SSP7462N SECOS-SSP7462N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
More results

Similar Description - SSP7466N

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com