Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP20100S Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # CP20100S
Description  20A Surface Mount Trench Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CP20100S Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  CP20100S Datasheet HTML 1Page - Chip Integration Technology Corporation CP20100S Datasheet HTML 2Page - Chip Integration Technology Corporation CP20100S Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
■ Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
■ Outline
TO-277
0.216 (5.48)
0.208 (5.28)
0.264 (6.70)
0.248 (6.30)
0.028 (0.71)
0.016 (0.41)
0.028 (0.71)
0.016 (0.41)
0.073 (1.85)
0.069 (1.75)
0.145 (3.69)
0.133 (3.39)
0.069 (1.74)
0.057 (1.44)
0.037 (0.95)
0.033 (0.85)
0.037 (0.95)
0.033 (0.85)
0.124 (3.15)
0.112 (2.85)
0.049 (1.25)
0.037 (0.95)
0.014 (0.35)
0.010 (0.25)
PIN 2
1
3
2
0.077 (1.96)
0.069 (1.76)
PIN 1
PIN 3
• Epoxy : UL94-V0 rated flame retardant.
.
• Case : Molded plastic, TO-277
• Lead : Solder plated, solderable per MIL-STD-750,
Method 2026.
.
• Polarity: Indicated by cathode band
.
• Mounting Position : Any
.
• Weight : Approximated 0.093 grams
20A Surface Mount Trench Schottky Rectifier
Low forward voltage drop.
•
Excellent high temperature stability.
•
Fast switching capability.
•
Suffix "G" indicates Halogen-free part, ex.CP20100SG.
•
Lead-free parts meet environmental standards of
•
MIL-STD-19500 /228
Note : 1.FR-4 PCB, 2oz.Copper.
CP20100S
Forward voltage drop
Reverse current
Parameter
Forward rectified current
Forward surge current
Thermal resistance(1)
Operating and Storage temperature
Parameter
Marking code
DC blocking voltage
Working peak reverse voltage
Peak repetitive reverse voltage
I
O
I
F S M
T , T
J
S T G
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
Conditions
Symbol
CP20100S
UNIT
-40 ~ +150
20
250
A
A
O C/W
O C
73
R
θ J A
Junction to ambient
CP20100S
V
R M
V
RW M
V
R R M
100
V
V
F
I
R
O
V
= V
T = 25 C
R
R R M
J
Conditions
Symbol
TYP.
UNIT
0.1
mV
mA
MIN.
MAX.
O
I = 20A, T = 25 C
F
J
830
Document ID : DS-12KGA
Revised Date : 2015/01/21
Revision : C


Similar Part No. - CP20100S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP2010 ETC1-CP2010 Datasheet
272Kb / 3P
TRANSHIELLD CP2000 SERIES
CP2010A ETC1-CP2010A Datasheet
272Kb / 3P
TRANSHIELLD CP2000 SERIES
logo
JILIN SINO-MICROELECTRO...
CP2010N3A JSMC-CP2010N3A Datasheet
864Kb / 9P
TRIACS
202104A
CP2010N3A-C-B JSMC-CP2010N3A-C-B Datasheet
864Kb / 9P
TRIACS
202104A
CP2010N3A-CB-B JSMC-CP2010N3A-CB-B Datasheet
864Kb / 9P
TRIACS
202104A
More results

Similar Description - CP20100S

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
C20L60CT CITC-C20L60CT Datasheet
483Kb / 3P
20A Trench Schottky Rectifier
CF20L45CT CITC-CF20L45CT Datasheet
468Kb / 3P
20A Trench Schottky Rectifier
CF20L120CT CITC-CF20L120CT Datasheet
481Kb / 3P
20A Trench Schottky Rectifier
CP20L50SG CITC-CP20L50SG Datasheet
101Kb / 3P
20A Surface Mount Trench Schottky Rectifier
CP20L80S CITC-CP20L80S Datasheet
464Kb / 3P
20A Surface Mount Trench Schottky Rectifier
CP20S60SG CITC-CP20S60SG Datasheet
651Kb / 4P
20A Surface Mount Trench Schottky Rectifier
CP20S100S CITC-CP20S100S Datasheet
475Kb / 3P
20A Surface Mount Trench Schottky Rectifier
logo
Diodes Incorporated
SDT20120CT DIODES-SDT20120CT Datasheet
756Kb / 7P
20A TRENCH SCHOTTKY RECTIFIER
March 2022
SDT20B100CT DIODES-SDT20B100CT Datasheet
732Kb / 7P
20A TRENCH SCHOTTKY RECTIFIER
March 2022
SDT20A120CT DIODES-SDT20A120CT Datasheet
703Kb / 6P
20A TRENCH SCHOTTKY RECTIFIER
March 2022 Rev. 5 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com