Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI7501DN Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7501DN
Description  Complementary 30-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7501DN Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7501DN Datasheet HTML 1Page - Vishay Siliconix SI7501DN Datasheet HTML 2Page - Vishay Siliconix SI7501DN Datasheet HTML 3Page - Vishay Siliconix SI7501DN Datasheet HTML 4Page - Vishay Siliconix SI7501DN Datasheet HTML 5Page - Vishay Siliconix SI7501DN Datasheet HTML 6Page - Vishay Siliconix SI7501DN Datasheet HTML 7Page - Vishay Siliconix SI7501DN Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Si7501DN
Vishay Siliconix
www.vishay.com
2
Document Number: 72173
S-32419—Rev. B, 24-Nov-03
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 mA
P-Ch
−1.0
−3
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
N-Ch
1.0
3
V
Gate Body Leakage
IGSS
VDS = 0 V, VGS = "25 V
P-Ch
"200
nA
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
N-Ch
"100
nA
VDS = −30 V, VGS = 0 V
P-Ch
−1
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
N-Ch
1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = −30 V, VGS = 0 V, TJ = 55_C
P-Ch
−5
mA
VDS = 30 V, VGS = 0 V, TJ = 55_C
N-Ch
5
On State Drain Currenta
ID( )
VDS w −5 V, VGS = −10 V
P-Ch
−25
A
On-State Drain Currenta
ID(on)
VDS p 5 V, VGS = 10 V
N-Ch
25
A
VGS = −10 V, ID = −6.4 A
P-Ch
0.041
0.051
Drain Source On State Resistancea
rDS( )
VGS = 10 V, ID = 7.7 A
N-Ch
0.028
0.035
W
Drain-Source On-State Resistancea
rDS(on)
VGS = −6 V, ID = −5.3 A
P-Ch
0.055
0.075
W
VGS = 4.5 V, ID = 6.5 A
N-Ch
0.040
0.050
Forward Transconductancea
gf
VDS = −15 V, ID = −6.4 A
P-Ch
13
S
Forward Transconductancea
gfs
VDS = 15 V, ID = 7.7 A
N-Ch
15
S
Diode Forward Voltagea
VSD
IS = −1.7 A, VGS = 0 V
P-Ch
−0.80
−1.2
V
Diode Forward Voltagea
VSD
IS = 1.7 A, VGS = 0 V
N-Ch
0.80
1.2
V
Dynamicb
Total Gate Charge
Qg
P-Ch
12.5
19
Total Gate Charge
Qg
P-Channel
N-Ch
9
14
Gate Source Charge
Q
P-Channel
VDS = −15 V, VGS = −10 V, ID = −6.4 A
P-Ch
2.5
nC
Gate-Source Charge
Qgs
N-Channel
V
15 V V
10 V I
77 A
N-Ch
2
nC
Gate Drain Charge
Q d
VDS = 15 V, VGS = 10 V, ID = 7.7 A
P-Ch
3.6
Gate-Drain Charge
Qgd
N-Ch
1.3
Gate Resistance
R
P-Ch
9
W
Gate Resistance
Rg
N-Ch
3
W
Turn On Delay Time
td( )
P-Ch
10
15
Turn-On Delay Time
td(on)
N-Ch
10
15
Rise Time
t
P-Channel
VDD = −15 V, RL = 5 W
P-Ch
20
30
Rise Time
tr
VDD = −15 V, RL = 5 W
ID ^ −3 A, VGEN = −10 V, RG = 1 W
N-Ch
15
25
Turn Off Delay Time
td( ff)
N-Channel
V
15 V R
5 W
P-Ch
25
40
ns
Turn-Off Delay Time
td(off)
VDD = 15 V, RL = 5 W
ID ^ 3 A, VGEN = 10 V, RG = 1 W
N-Ch
20
30
ns
Fall Time
tf
ID ^ 3 A, VGEN = 10 V, RG = 1 W
P-Ch
30
45
Fall Time
tf
N-Ch
10
15
Source-Drain
t
IF = −1.7 A, di/dt = 100 A/ms
P-Ch
25
50
Source-Drain
Reverse Recovery Time
trr
IF = 1.7 A, di/dt = 100 A/ms
N-Ch
20
40
Notes
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com