Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA304A Datasheet(PDF) 22 Page - STMicroelectronics

Part # STA304A
Description  DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA304A Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STA304A Datasheet HTML 18Page - STMicroelectronics STA304A Datasheet HTML 19Page - STMicroelectronics STA304A Datasheet HTML 20Page - STMicroelectronics STA304A Datasheet HTML 21Page - STMicroelectronics STA304A Datasheet HTML 22Page - STMicroelectronics STA304A Datasheet HTML 23Page - STMicroelectronics STA304A Datasheet HTML 24Page - STMicroelectronics STA304A Datasheet HTML 25Page - STMicroelectronics STA304A Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
STA304A
22/30
12.5 Extended Audio ID Register (add. 28h)
The Extended Audio ID is a read only register that identifies which extended audio features are supported (See
AC'97 revision 2.1 specification, section A.2.1). The extended features supported are Variable Rate PCM Audio
(VRA), Double- Rate PCM Audio (DRA), PCM Center (CDAC), PCM Surround (SDAC) and PCM LFE (LDAC).
Codec_ID0 report the status of SA pin. Codec_ID1 always report 0. Hence, the configurations are primary (00)
if SA pin is 0 or Secondary (01) if SA pin is 1.
12.6 Extended Audio Status and Control Register (add. 2Ah)
• VRA= 1 enables Variable Rate Audio mode (sample rate control registers and SLOTREQ signaling)
• DRA= 1 enables Double- Rate Audio mode
Bits D9- D6 are read only status of the extended audio feature readiness. When a write request is issued the
actual data written into the RAM register is 'xxxxxx0111xxxxxx'.
For more details refer to AC’97 rev 2.1, section A.2.2
12.7 Audio Sample Rate Control Registers (add. 2Ch - 34h)
In VRA mode, two frequencies are supported 48000(BB80h) Hz and 44100(AC44h) Hz. If one of these value
written to the 2Ch register, that value will be echoed back when read, otherwise the closest (higher in case of a
tie) sample rate supported is returned. The content of 2Eh and 30h registers is copied from the 2Ch register.
If the Double Rate Audio (DRA) mode is active, the sample rate programmed will be multiplied by 2x. For ex-
ample: When running at 88.2 kHz, the DRA bit will be programmed to 1, and the sample rate programmed would
be 44.100.
The default value after cold or warm register reset for these registers (BB80h) is 48 kHz.
The content of the ADC sample rate registers (32h and 34h) stays always BB80h.
12.8 6-Channel Volume Control Register (add. 36h - 38h)
These read/write registers control the output volume of the optional four PCM channels, and values written to
the fields behave the same as the Play Master Volume Register (Index 02h), which offers attenuation but no
gain. There is an independent mute (1= on) for each channel.
The default value after reset for this registers (8080h) corresponds to 0 dB attenuation with mute on.
D15
D14
D13
D12
D11
D10
D9D8D7D6D5D4D3D2D1
D0
0
ID0
0000011100001
1
D15
D14
D13
D12
D11
D10
D9D8D7D6D5D4D3D2D1
D0
0111
DRA
VRA
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SR15
SR14
SR13
SR12
SR11
SR10
SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Mute
LFE6 LFE5 LFE4 LFE3
LFE2
LFE1 LFE0
Mute
CNT6 CNT5 CNT4 CNT3 CNT2 CNT1
CNT0
Mute
LSR6
LSR5
LSR4
LSR3
LSR2
LSR1
LSR0
Mute
RSR6
RSR5 RSR4
RSR3
RSR2
RSR1
RSR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com