Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL390 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ASL390
Description  Wideband Linear Amplifier MMIC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL390 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ASL390 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL390 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL390 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL390 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL390 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL390 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL390 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL390 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL390 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
ASL390
Wideband Linear Amplifier MMIC
1) OIP3 and OIP2 are measured with two tones at an output power of +3 dBm/tone
separated by 1 MHz.
2) OIP2 is measured at F1+F2 Frequency.
0
50
100
150
200
0
5
10
15
20
25
30
Frequency (MHz)
0
50
100
150
200
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
50
100
150
200
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
APPLICATION CIRCUIT
Frequency (MHz)
5
50
200
Noise Figure (dB)
2.4
2.4
2.0
Magnitude S21 (dB)
23.3
23.4
23.0
Magnitude S11 (dB)
-12
-16
-17
Magnitude S22 (dB)
-16
-20
-20
Output P1dB (dBm)
14
18
18
Output IP31) (dBm)
30
34
35
Output IP21),2) (dBm)
48
43
43
Device Voltage (V)
+3.3
Current (mA)
68
S-parameters
CATV
5 ~ 200 MHz
+3.3 V
RF IN
RF OUT
ASL390
C2=1
F
C3=10
F
C1=1 nF
L1=22
H
(LQH32MN220J23)
Vs=3.3 V
L2=4.7
H
R1=150



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com