Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL522 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL522
Description  Wideband Linear Amplifier MMIC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL522 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL522 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL522 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL522 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL522 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL522 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL522 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL522 Datasheet HTML 7Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7223
June 2017
ASL522
Wideband Linear Amplifier MMIC
(Supply Voltage = +8 V, TA = +25 C, Z0 = 75 )
1) OIP3 and OIP2 are measured with two tones at an output power of +10 dBm/tone separated by 6 MHz.
2) OIP2 is measured at F1+F2 Frequency.
3) CSO & CTB was measured at 335.25 MHz.
For 116 flat channels at the input, measured at the output were 77 analog channels (55 MHz to 550 MHz) @ +20 dBmV per channel
and 39 digital channels (550 MHz to 750 MHz) @ 6 dB lower than that of the analog channel.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
500
Gain
dB
33.6
S11
dB
-14
S22
dB
-20
Output IP3
dBm
44
Noise Figure
dB
1.9
Output P1dB
dBm
23
Current
mA
240
Device Voltage
V
+8
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+9 V
Operating Junction Temperature
+150
C
Input RF Power (CW, 75
 matched)
-13 dBm
Maximum Current
500 mA
Thermal Resistance
18
C/W
Parameters
Units
Typical
Frequency
MHz
50
500
860
Noise Figure
dB
2.0
1.9
2.0
Gain
dB
33.9
33.6
30.8
S11
dB
-18
-14
-8
S22
dB
-11
-20
-9
Output P1dB
dBm
22.5
23.0
23.0
Output IP31)
dBm
42.5
44.0
41.0
Output IP21),2) (dBm)
dBm
56
55
63
CSO3) (@ 355.25 MHz)
dBc
74
CTB3) (@ 355.25 MHz)
dBc
75
Current
mA
240
Device Voltage
V
+8
Features
Description
Typical Performance
Absolute Maximum Ratings
 High Linearity 44 dBm OIP3
 Low Noise Figure 1.9 dB
 23 dBm P1dB
 75
 Input & Output Match
 Bandwidth 50 ~ 1000 MHz
 Single Supply +8 V
The ASL522, a wideband linear two-stage amplifi-
er MMIC, has a high linearity and low noise over a
wide range of frequency up to 1 GHz, being suita-
ble for use in the fiber receiver, distribution ampli-
fiers and drop amplifiers of CATV systems, and in
the mobile wireless repeaters and BTS. The am-
plifier is available in a SOIC8 package and passes
through the stringent DC, RF, and reliability tests.
Application Circuit
·50 ~ 1000 MHz
·50 ~ 1000 MHz (High Linearity)
·50 ~ 1000 MHz (6 V)
Product Specifications
ASL522
Package Style: SOIC8
Pin Configuration
Pin No.
Function
1
1st stage RF OUT
2,3,6,7
NC
4
1st stage RF IN
5
2nd stage RF OUT
8
2nd stage RF IN


Similar Part No. - ASL522

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL522 ASB-ASL522 Datasheet
536Kb / 6P
Wideband Linear Amplifier MMIC
July 2011
More results

Similar Description - ASL522

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL31C ASB-ASL31C Datasheet
324Kb / 5P
Wideband Linear Amplifier MMIC
August 2012
ASL330 ASB-ASL330 Datasheet
710Kb / 8P
Wideband Linear Amplifier MMIC
September 2011
ASL380 ASB-ASL380 Datasheet
672Kb / 7P
Wideband Linear Amplifier MMIC
March 2012
ASL390 ASB-ASL390 Datasheet
500Kb / 7P
Wideband Linear Amplifier MMIC
August 2012
ASL522 ASB-ASL522 Datasheet
536Kb / 6P
Wideband Linear Amplifier MMIC
July 2011
ASL550 ASB-ASL550 Datasheet
1Mb / 25P
Wideband Linear Amplifier MMIC
September 2012
ASL580 ASB-ASL580 Datasheet
453Kb / 8P
Wideband Linear Amplifier MMIC
October 2012
ASL330 ASB-ASL330_17 Datasheet
637Kb / 10P
Wideband Linear Amplifier MMIC
June 2017
ASL550 ASB-ASL550_17 Datasheet
1Mb / 26P
Wideband Linear Amplifier MMIC
June 2017
ASL560 ASB-ASL560 Datasheet
885Kb / 12P
Wideband Linear Amplifier MMIC
June 2017
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com