Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL550 Datasheet(PDF) 13 Page - Advanced Semiconductor Business Inc.

Part # ASL550
Description  Wideband Linear Amplifier MMIC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL550 Datasheet(HTML) 13 Page - Advanced Semiconductor Business Inc.

Back Button ASL550_17 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL550_17 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL550_17 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL550_17 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL550_17 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL550_17 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASL550_17 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. ASL550_17 Datasheet HTML 16Page - Advanced Semiconductor Business Inc. ASL550_17 Datasheet HTML 17Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13/26
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
June 2017
ASL550
Wideband Linear Amplifier MMIC
.
1) OIP3 is measured with two tones at an output power of +10 dBm/tone separated by
6 MHz.
2) OIP2 is measured at F1+F2 Frequency.
3) 116 total channels, flat input; 77 analog channels (55 MHz to 550 MHz) @ +20 dBmV
per channel; 39 digital channels (550 MHz to 750 MHz) @ 6 dB below analog channels,
measured at 335.25 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
APPLICATION CIRCUIT
S-parameters & Noise Figure
Frequency (MHz)
50
500
860
Noise Figure (dB)
2.0
2.0
2.2
Magnitude S21 (dB)
18.2
17.5
16.9
Magnitude S11 (dB)
-18
-18
-17
Magnitude S22 (dB)
-20
-20
-17
Output P1dB (dBm)
24
25
25
Output IP31) (dBm)
40.0
42.0
39.5
Output IP21),2) (dBm)
55
56
54
CSO3) (dBc)
74
CTB3) (dBc)
75
Device Voltage (V)
+8
Current (mA)
120
CATV
Min. VSWR
50 ~ 1000 MHz
+8 V
0
100
200
300
400
500
600
700
800
900
1000 1100
0
5
10
15
20
25
Frequency (MHz)
-40
oc
25
oc
85
oc
0
100
200
300
400
500
600
700
800
900
1000 1100
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc
0
100
200
300
400
500
600
700
800
900
1000 1100
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc
0
100
200
300
400
500
600
700
800
900
1000 1100
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
Frequency (MHz)
-40
oc
25
oc
85
oc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com