Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL550 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL550
Description  Wideband Linear Amplifier MMIC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL550 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL550 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1/26
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
June 2017
ASL550
Wideband Linear Amplifier MMIC
(Supply Voltage = +8 V, TA = +25 C, Z0 = 75 )
Parameters
Units
Typical
Frequency
MHz
5
50
500
860
1200
2600
Noise Figure
dB
2.9
2.0
2.0
2.2
2.2
3.6
Gain
dB
15.5
17.1
17.0
16.9
15.0
14.9
S11
dB
-16
-15
-15
-16
-15
-8
S22
dB
-16
-14
-17
-20
-12
-9
Output P1dB
dBm
26.5
23.0
24.0
24.0
22.0
19.0
Output IP31)
dBm
41.5
40.0
43.0
41.5
39.0
38.0
Output IP21),2)
dBm
74
53
54
53
48
-
CSO3) (@ 355.25 MHz)
dBc
-
74
-
CTB3) (@ 355.25 MHz)
dBc
-
75
-
Current
mA
240
120
120
Device Voltage
V
+8
+8
+8
1) OIP3 and OIP2 are measured with two tones at an output power of +9 dBm/tone separated by 1 MHz(up-link) or 6 MHz(down-link).
2) OIP2 is measured at F1+F2 Frequency.
3) CSO & CTB was measured at 335.25 MHz.
For 116 flat channels at the input, measured at the output were 77 analog channels (55 MHz to 550 MHz) @ +20 dBmV per channel
and 39 digital channels (550 MHz to 750 MHz) @ 6 dB lower than that of the analog channel.
Parameters
Units
Min
Typ.
Max
Testing Frequency
MHz
500
Gain
dB
16.0
17.0
S11
dB
-12
-15
S22
dB
-13
-17
Output IP3
dBm
41
43
Noise Figure
dB
2.0
2.2
Output P1dB
dBm
23
24
Current
mA
100
120
142
Device Voltage
V
+8
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+9 V
Operating Junction Temperature
+150
C
Input RF Power (CW, 75
 matched)
+5 dBm
Maximum Current
220 mA
Thermal Resistance
43
C/W
Features
Description
Typical Performance
 High Linearity 43 dBm OIP3
 Low Noise Figure 2.0 dB
 24 dBm P1dB
 75
 Input & Output Match
 Bandwidth 5 ~ 1200 MHz
 Single Supply +8 V
The ASL550, a wideband linear amplifier MMIC,
has a high linearity and low noise over a wide range
of frequency 5 MHz to 2.6 GHz, being suitable for
use in the fiber receiver, distribution amplifiers and
drop amplifiers of CATV systems, and in the mobile
wireless repeaters and BTS. The amplifier is availa-
ble in a SOT89 package and passes through the
stringent DC, RF, and reliability tests.
Application Circuit
 50 ~ 1000 MHz
(Gain Flatness: 8 V)
 50 ~ 1000 MHz (High Linearity)
 50 ~ 1000 MHz
(Gain Flatness, 5 V)
 50 ~ 1000 MHz
(Gain Flatness, 6 V)
 50 ~ 1000 MHz
(Positive Gain Slope)
 50 ~ 1000 MHz (Min. VSWR)
 50 ~ 1000 MHz (Low Gain)
 50 ~ 1200 MHz
 2 ~ 32 MHz
 5 ~ 200 MHz (8V & 5V)
 950 ~ 2600 MHz (SMATV)
 90 ~ 2600 MHz
 50 ~ 1000 MHz
(Push-Pull, 2:1 transformer)
 50 ~ 1000 MHz
(Push-Pull, 1:1 transformer)
 50 ~ 1200 MHz
(Push-Pull, 1:1 transformer)
 5 ~ 200 MHz
(Push-Pull, 2:1 transformer)
 5 ~ 200 MHz
(Push-Pull, 1:1 transformer)
Product Specifications
ASL550
Package Style: SOT89
Pin Configuration
Pin No.
Function
1
RF IN
2
GND
3
RF OUT & Bias
Absolute Maximum Ratings


Similar Part No. - ASL550

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL550 ASB-ASL550 Datasheet
1Mb / 25P
Wideband Linear Amplifier MMIC
September 2012
More results

Similar Description - ASL550

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL31C ASB-ASL31C Datasheet
324Kb / 5P
Wideband Linear Amplifier MMIC
August 2012
ASL330 ASB-ASL330 Datasheet
710Kb / 8P
Wideband Linear Amplifier MMIC
September 2011
ASL380 ASB-ASL380 Datasheet
672Kb / 7P
Wideband Linear Amplifier MMIC
March 2012
ASL390 ASB-ASL390 Datasheet
500Kb / 7P
Wideband Linear Amplifier MMIC
August 2012
ASL522 ASB-ASL522 Datasheet
536Kb / 6P
Wideband Linear Amplifier MMIC
July 2011
ASL550 ASB-ASL550 Datasheet
1Mb / 25P
Wideband Linear Amplifier MMIC
September 2012
ASL580 ASB-ASL580 Datasheet
453Kb / 8P
Wideband Linear Amplifier MMIC
October 2012
ASL330 ASB-ASL330_17 Datasheet
637Kb / 10P
Wideband Linear Amplifier MMIC
June 2017
ASL390 ASB-ASL390_17 Datasheet
828Kb / 10P
Wideband Linear Amplifier MMIC
April 2017
ASL560 ASB-ASL560 Datasheet
885Kb / 12P
Wideband Linear Amplifier MMIC
June 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com