Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL572 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL572
Description  Wideband Linear Push-pull Amplifier MMIC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL572 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL572 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL572 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL572 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL572 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL572 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL572 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL572 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL572 Datasheet HTML 8Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
June 2017
ASL572
Wideband Linear Push-pull Amplifier MMIC
(Supply Voltage = +8 V, TA = +25 C, Z0 = 75 )
1) OIP3 and OIP2 are measured with two tones at an output power of +10 dBm/tone separated by 1 MHz (up-link) or 6 MHz(down-link).
2) OIP2 is measured at F1+F2 Frequency.
3) 84 channels, +40 dBmV per channel (measured at output).
Parameters
Units
Min
Typ.
Max
Testing Frequency
MHz
500
Gain
dB
11.0
S11
dB
-18
S22
dB
-15
Output IP3
dBm
45.5
Noise Figure
dB
2.7
Output P1dB
dBm
26
Current
mA
240
Device Voltage
V
+8
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+9 V
Operating Junction Temperature
+150
C
Input RF Power
(CW, 1:1 transformer, 75
 matched)
+13 dBm
Maximum Current
500 mA
Thermal Resistance
18
C/W
Parameters
Units
Typical
Frequency
MHz
5
50
500
860
1200
Noise Figure
dB
2.3
2.9
2.7
2.6
3.5
Gain
dB
17.0
11.2
11.0
10.8
11.0
S11
dB
-15
-20
-18
-18
-15
S22
dB
-15
-20
-15
-18
-12
Output P1dB
dBm
26
25
26
26
26
Output IP31)
dBm
42.0
40.5
45.5
43.5
40.5
Output IP21),2) (dBm)
dBm
81
66
71
61
41
CSO3)
dBc
61
CTB3)
dBc
65
Current
mA
240
Device Voltage
V
+8
Features
Description
Typical Performance
Absolute Maximum Ratings
The ASL572, a wideband linear push-pull amplifi-
er MMIC, has a high linearity and low noise over a
wide range of frequency 5 MHz to 1.2 GHz, being
suitable for use in the fiber receiver, distribution
amplifiers and drop amplifiers of CATV systems,
and in the mobile wireless repeaters and BTS.
The amplifier is available in a SOIC8 package and
passes through the stringent DC, RF, and reliabil-
ity tests.
Application Circuit
 50 ~ 1000 MHz (1:1 transformer)
 50 ~ 1200 MHz (1:1 transformer)
 50 ~ 1000 MHz (2:1 transformer)
 5 ~ 200 MHz (2:1 transformer)
 5 ~ 200 MHz (1:1 transformer)
Product Specifications
ASL572
Package Style: SOIC8
Pin Configuration
Pin No.
Function
1
RF IN 1
2,3,6,7
NC
4
RF IN 2
5
RF OUT 2
8
RF OUT 1
 11 dB Gain at 500 MHz
 26 dBm P1dB at 500 MHz
 45.5 dBm Output IP3 at 500 MHz
 2.7 dB NF at 500 MHz
 75
 Input & Output Match
 Bandwidth 5 ~ 1200 MHz
 Single Supply +8 V


Similar Part No. - ASL572

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ASL5008FHN NXP-ASL5008FHN Datasheet
4Mb / 69P
Matrix LED Controller (MLC)
Rev. 2.1-5 February 2019
ASL5008FHV NXP-ASL5008FHV Datasheet
4Mb / 69P
Matrix LED Controller (MLC)
Rev. 2.1-5 February 2019
ASL5008SHN NXP-ASL5008SHN Datasheet
4Mb / 69P
Matrix LED Controller (MLC)
Rev. 2.1-5 February 2019
ASL5008SHV NXP-ASL5008SHV Datasheet
4Mb / 69P
Matrix LED Controller (MLC)
Rev. 2.1-5 February 2019
ASL5015FHN NXP-ASL5015FHN Datasheet
4Mb / 69P
Matrix LED Controller (MLC)
Rev. 2.1-5 February 2019
More results

Similar Description - ASL572

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL31C ASB-ASL31C Datasheet
324Kb / 5P
Wideband Linear Amplifier MMIC
August 2012
ASL330 ASB-ASL330 Datasheet
710Kb / 8P
Wideband Linear Amplifier MMIC
September 2011
ASL331 ASB-ASL331 Datasheet
581Kb / 6P
Wideband Linear Push-pull Amplifier MMIC
March 2012
ASL362 ASB-ASL362 Datasheet
548Kb / 7P
Wideband Linear Push-pull Amplifier MMIC
June 2011
ASL551 ASB-ASL551 Datasheet
705Kb / 11P
Wideband Linear Push-pull Amplifier MMIC
June 2012
ASL552 ASB-ASL552 Datasheet
662Kb / 10P
Wideband Linear Push-pull Amplifier MMIC
June 2011
ASL331 ASB-ASL331_17 Datasheet
1Mb / 11P
Wideband Linear Push-pull Amplifier MMIC
September 2017
ASL362 ASB-ASL362_17 Datasheet
906Kb / 11P
Wideband Linear Push-pull Amplifier MMIC
June 2017
ASL551 ASB-ASL551_17 Datasheet
943Kb / 10P
Wideband Linear Push-pull Amplifier MMIC
July 2017
ASL552 ASB-ASL552_17 Datasheet
878Kb / 11P
Wideband Linear Push-Pull Amplifier MMIC
June 2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com