Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL590 Datasheet(PDF) 5 Page - Advanced Semiconductor Business Inc.

Part # ASL590
Description  Wideband Linear Amplifier MMIC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL590 Datasheet(HTML) 5 Page - Advanced Semiconductor Business Inc.

  ASL590 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL590 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL590 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL590 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL590 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL590 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL590 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL590 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL590 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
ASL590
Wideband Linear Amplifier MMIC
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
2.00
2.25
2.50
2.75
3.00
Frequency (GHz)
-60
-40
-20
0
20
40
60
80
100
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
Frequency = 500 MHz
Temperature (
o
C)
8
9
10
11
12
13
14
15
30
35
40
45
50
55
60
P
out
per Tone (dBm)
-40
oc
25
oc
85
oc
8
9
10
11
12
13
14
15
20
25
30
35
40
45
50
P
out
per Tone (dBm)
-40
oc
25
oc
85
oc
-60
-40
-20
0
20
40
60
80
100
16
18
20
22
24
26
Temperature (
o
C)
Frequency = 860 MHz
-60
-40
-20
0
20
40
60
80
100
20
21
22
23
24
25
Temperature (
o
C)
Frequency = 860 MHz
-60
-40
-20
0
20
40
60
80
100
130
140
150
160
170
180
Temperature (
o
C)
P1dB vs. Temperature
Current vs. Temperature
Gain vs. Temperature
Output IP2 vs. Tone Power (Frequency = 860 MHz)
MHz)
Output IP3 vs. Tone Power (Frequency = 860 MHz)
NF vs. Temperature
NF vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com