Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWB317 Datasheet(PDF) 12 Page - Advanced Semiconductor Business Inc.

Part # AWB317
Description  5 ~ 1200MHz Wide-band CATV Linear Amplifier MMIC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB317 Datasheet(HTML) 12 Page - Advanced Semiconductor Business Inc.

Back Button AWB317 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWB317 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. AWB317 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. AWB317 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. AWB317 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. AWB317 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. AWB317 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. AWB317 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. AWB317 Datasheet HTML 16Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12/19
ASB Inc.
 sales@asb.co.kr
February 2017
AWB317
6. Application: 50 ~ 1200 MHz
(CATV forward, S11, S22 < -18 dB, Vsupply = +5 V)
6.1
Application Circuit & Evaluation Board
Bill of Material
Symbol
Value
Size
Description
Manufacturer
AWB317
-
-
MMIC Amplifier
ASB
C1, C3
1
F
0603
DC blocking capacitor
Murata
C2
12 pF
0603
Matching capacitor
Murata
C4
10
F
0805
Decoupling capacitor
Murata
L1
1
H
1206
RF choke inductor
Murata
L2
6.8 nH
0603
Matching inductor
Murata
L3
8.2 nH
0603
Matching inductor
Murata
L4
680 nH
0603
Matching inductor
Murata
L5
270 nH
0603
Matching inductor
Murata
R1
8.2
0603
Matching resistor
Samsung
R2
10
0603
Matching resistor
Samsung
R3
240
0603
Matching resistor
Samsung
Vdevice = +5 V
C4
C1
L4
L2
R1
L5
L1
R3
RF IN
C3
RF OUT
L3
R2
C2
AWB317
PCB Information
Material
FR4
Thickness (mm)
0.8
Size (mm)
40x40
EB No.
EB-89-B23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com