Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS30S60CT-A Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # CS30S60CT-A
Description  Super Low Barrier High Voltage Power Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CS30S60CT-A Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  CS30S60CT-A Datasheet HTML 1Page - Chip Integration Technology Corporation CS30S60CT-A Datasheet HTML 2Page - Chip Integration Technology Corporation CS30S60CT-A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
Reverse Voltage,V (V)
R
Fig.1 - Forward Current Derating Curve(per diode)
0
25
50
75
100
125
150
175
O
Case Temperature,T ( C)
C
15
10
5
1000
1
0.1
0.01
10
100
CS30S60CT-A
Chip Integration Technology Corporation
Super Low Barrier High Voltage Power Rectifier
Document ID : DS-11KDU
Revised Date : 2015/08/10
Revision : C4
0.01
0.1
1
10
100
0
200
400
600
800
Fig. 2 - Instantaneous Forward
Characteristics (per diode)
T =150°C
A
T =125°C
A
T =100°C
A
T =75°C
A
T =50°C
A
T =25°C
A
Instantaneous Forward Voltage,V (Volts)
F
0
20
40
60
Fig. 3 - Reverse Characteristics (per diode)
O
T =15
0 C
A
O
T =12
5 C
A
O
T =10
0 C
A
O
T =75
C
A
O
T =50
C
A
O
T =25
C
A
10000
1000
100
1
10
100
0
2
4
6
8
10
12
0
5
10
15
20
Fig. 4 -Forward Power Dissipation
Average Forward Current I
(A)
F ( AV )
Reverse Voltage,V (V)
R
Fig. 5 -Junction Capacitance



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com