Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS39-4B Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CS39-4B
Description  SCRs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CS39-4B Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CS39-4B Datasheet HTML 1Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCRs
(Continued)
181
www.centralsemi.com
IT (AMPS)
1.6
4.0
@ TC (oC)
55
90
85
85
30
ITSM (AMPS)
6.0
35
30
30
20
CASE
TO-18
TO-39
TO-202
TO-202-2
TO-202
VRRM (VOLTS)
50
2N6605
60
2N6606
100
2N6607
C106A1
200
2N6608
CS39-4B
CS202-4B
CS202-4B-2
C106B1
300
C106C1
400
CS39-4D
CS202-4D
CS202-4D-2
C106D1
500
C106E1
600
CS39-4M
CS202-4M
CS202-4M-2
C106M1
800
CS39-4N
IGT
200
µA
200
µA
200
µA
200
µA
200
µA
VGT
0.8V
0.8V
0.8V
0.8V
0.8V
IH
5.0mA
5.0mA
5.0mA
5.0mA
5.0mA


Similar Part No. - CS39-4B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS39-4B CENTRAL-CS39-4B Datasheet
82Kb / 2P
SILICON CONTROLLED RECTIFIER 4.0 AMP, 200 THRU 800 VOLTS
CS39-4B CENTRAL-CS39-4B Datasheet
509Kb / 2P
SILICON CONTROLLED RECTIFIER
More results

Similar Description - CS39-4B

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S201E TECCOR-S201E Datasheet
222Kb / 12P
SCRs
logo
Central Semiconductor C...
2N4167 CENTRAL-2N4167 Datasheet
57Kb / 1P
SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
SCRS
US108S UTC-US108S_11 Datasheet
131Kb / 3P
SCRS
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
SCRS
logo
New Jersey Semi-Conduct...
2N4149 NJSEMI-2N4149 Datasheet
68Kb / 2P
SCRs
logo
HAOPIN MICROELECTRONICS...
C106D HAOPIN-C106D Datasheet
236Kb / 4P
SCRs
PCR406 HAOPIN-PCR406 Datasheet
110Kb / 4P
SCRs
HP20C60 HAOPIN-HP20C60 Datasheet
314Kb / 5P
SCRs
MCR25 HAOPIN-MCR25 Datasheet
444Kb / 5P
SCRs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com