Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM03-R5P-S-CF Datasheet(PDF) 1 Page - DDK Ltd.

Part # CM03-R5P-S-CF
Description  DeviceNet Mini-Style Connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM03-R5P-S-CF Datasheet(HTML) 1 Page - DDK Ltd.

  CM03-R5P-S-CF Datasheet HTML 1Page - DDK Ltd. CM03-R5P-S-CF Datasheet HTML 2Page - DDK Ltd. CM03-R5P-S-CF Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated.
CM03 Series
DeviceNet Mini-Style Connectors
 The CM03 series is the connector designed in
accordance with DeviceNet Mini Style, an official
standard of ODVA (Open DeviceNet Vendor
Association, Inc.) for use in a DeviceNet communication
network. The DeviceNet communication network
provides connection among not only simple industrial
devices such as sensor, actuator, electrical and
electronic devices but also higher-level of devices
such as control equipment. The CM03 series is IP67
rated for protection against moisture, oil and dust. It
can be used in harsh environmental conditions. The
connectors are provided with a premating contact
which is a first make-last break contact to protect
the circuit. When mated, the premating contact
is connected first before the other contacts are
disconnected last when dismated.
・C-UL certified
・Protection from wiring errors by color-coding the contact holder with red, white, blue and black
・Miswiring prevention : "Red, black, white and blue" are shown to a contact holder.
 No indication for drain wire.
[Applicable P/N : CM03-P5S, CM03-J5P]
Rated Current
8A/Contact
Rated Voltage
24V DC
Dielectric Withstanding Voltage 
500V AC(r.m.s.) for 1 minute
Insulation Resistance
1,000 ΜΩ Min. at 250V DC
Operating Temperature Range
- 40℃ to +85℃
Waterproof
IP67 when mated
No. of Contacts
4 and 5
Applicable Cable
 ・Conductor size : AWG14 to AWG18
 ・Outside Dia. : φ 7mm to φ 12mm
AL / MY Shield
Jacket
Braid Shield
Data Insulation
Color:White
Drain Wire
DC Power Insulation
Color:Black
AL / MY Shield
Data Insulation
Color:Blue
DC Power Insulation
Color:Red
Item
Plug (With Socket Contacts)
Jack (With Pin Contacts)
Front Insulator
Synthetic Rubber/Black
Synthetic Rubber/Black
Rear Insulator
Plastic(UL94V-0)/Black
Plastic(UL94V-0)/Black
Gasket
Synthetic Rubber/Black
Coupling Ring
Zinc Alloy/Nickel Plating
Zinc Alloy/Nickel Plating
Contact
Copper Alloy/Gold Plating
Copper Alloy/Gold Plating
Retainer Ring
Copper Alloy/Nickel Plating
Copper Alloy/Nickel Plating
O-Ring
Synthetic Rubber/Black
Synthetic Rubber/Black
Contact Holder
Plastic(UL94V-0)/Black
Plastic(UL94V-0)/Black
Back Shell
Plastic(UL94V-0)/Black
Plastic(UL94V-0)/Black
Cable Holder
Plastic(UL94V-0)/White
Plastic(UL94V-0)/White
Bushing
Synthetic Rubber/Black
Synthetic Rubber/Black
Clamp Nut
Plastic(UL94V-0)/Black
Plastic(UL94V-0)/Black
 Item
Receptacle
(With Pin Contacts)
Plug Receptacle
(With Socket Contacts)
Insulator
Synthetic Rubber/Black
Synthetic Rubber/Black
Gasket(Mating Side)
Synthetic Rubber/Black
Contact
Copper Alloy/Gold Plating
Copper Alloy/Gold Plating
Shell
Zinc Alloy/Nickel Plating
Zinc Alloy/Nickel Plating
Nut
Copper Alloy/Nickel Plating
Zinc Alloy/Nickel Plating
Gasket(Mounting Side)
Synthetic Rubber/Black
Synthetic Rubber/Black
RoHS
Compliant
RoHS
Compliant
110603
Waterproof
IP 67
DeviceNet
Conforming
Standard
Lock Type
Threaded
Coupling
◆ OUTLINE
◆ FEATURES
◆ SPECIFICATIONS
◆ MATERIAL/FINISH


Similar Part No. - CM03-R5P-S-CF

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM03-R5P-S-CF DDK-CM03-R5P-S-CF Datasheet
234Kb / 3P
DeviceNet Mini-Style Connectors
More results

Similar Description - CM03-R5P-S-CF

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM02B DDK-CM02B Datasheet
216Kb / 3P
DeviceNet Micro-Style Connectors
CM02 DDK-CM02 Datasheet
301Kb / 6P
DeviceNet Micro-Style Connectors
CM03A DDK-CM03A Datasheet
292Kb / 5P
DeviceNet Mini-style Connectors
CM03A DDK-CM03A_1 Datasheet
146Kb / 2P
DeviceNet Mini-Style Connectors
CM03 DDK-CM03 Datasheet
234Kb / 3P
DeviceNet Mini-Style Connectors
logo
Molex Electronics Ltd.
130025-0073 MOLEX11-130025-0073 Datasheet
33Kb / 2P
DeviceNet Thick Stranded Cable, Double Ended Mini-Change
logo
DDK Ltd.
CM03AA-P4S-010 DDK-CM03AA-P4S-010 Datasheet
1Mb / 5P
DeviceNet Mini-style Connectors
CM02BA-8DP5S-010 DDK-CM02BA-8DP5S-010 Datasheet
731Kb / 3P
DeviceNet Micro-Style Connectors
CM02-8D2TA5-CF DDK-CM02-8D2TA5-CF Datasheet
797Kb / 6P
DeviceNet Micro-Style Connectors
CM03A-R4P-S DDK-CM03A-R4P-S Datasheet
727Kb / 2P
DeviceNet Mini-Style Connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com