Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-LSHB Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-LSHB
Description  INCREMENTAL PHOTOSENSOR ARRAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LSHB Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-LSHB Datasheet HTML 1Page - IC-Haus GmbH IC-LSHB Datasheet HTML 2Page - IC-Haus GmbH IC-LSHB Datasheet HTML 3Page - IC-Haus GmbH IC-LSHB Datasheet HTML 4Page - IC-Haus GmbH IC-LSHB Datasheet HTML 5Page - IC-Haus GmbH IC-LSHB Datasheet HTML 6Page - IC-Haus GmbH IC-LSHB Datasheet HTML 7Page - IC-Haus GmbH IC-LSHB Datasheet HTML 8Page - IC-Haus GmbH IC-LSHB Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
iC-LSHB
INCREMENTAL PHOTOSENSOR ARRAY
Rev D1, Page 2/9
DESCRIPTION
iC-LSHB is an optical sensor IC with 6 integrated pho-
todiodes whose signal currents are converted into
output voltages by low-noise transimpedance ampli-
fiers.
The IC is well suited for the operation of interpolation
circuits for linear or rotary incremental encoders with
an index signal. iC-LSHB thus has a shamrock-style
sensor layout of four photodiodes, each with an active
area of 800 µm x 330 µm. Both a positive and neg-
ative sine signal and a positive and negative cosine
signal are generated from a single shared code track.
The signal amplifier layout ensures excellent paired
channel matching, reducing signal differences to an
absolute minimum.
Two separate photodiodes, with active areas of
1720 µm x 150 µm apiece, are employed for the differ-
ential scanning of the index track and to generate the
zero signal.
The spectral sensitivity ranges from visible to near
infrared light, with the maximum sensitivity close to a
wavelength of 680 nm.
A high transimpedance gain of typically 1 MΩ gener-
ates output signals of a few hundred Millivolts already
from illumination levels of 0.8 mW/cm2.
A threefold intensity is sufficient when using iC-LSHB
for encoder applications with typical disc and mask
codes. Therefore, a relatively low LED current is
enough to operate the sensor, proving beneficial to
the life expectancy of the LED at high operating tem-
peratures.
iC-LSHB is suitable for on-chip or LED-end mounting
of the grating (reticle), so that the period count, signal
waveform, phase shift and index marker code can be
selected with flexibility.
PACKAGING INFORMATION
PAD LAYOUT (2.88 mm x 2.04 mm)
PAD FUNCTIONS
No. Name Function
Refer to the description of pin functions.
Note: Dimension G4 is the reference
radius of the chip center.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com