Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-PR Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-PR
Description  REFLECTIVE OPTO ENCODERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PR Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-PR Datasheet HTML 1Page - IC-Haus GmbH IC-PR Datasheet HTML 2Page - IC-Haus GmbH IC-PR Datasheet HTML 3Page - IC-Haus GmbH IC-PR Datasheet HTML 4Page - IC-Haus GmbH IC-PR Datasheet HTML 5Page - IC-Haus GmbH IC-PR Datasheet HTML 6Page - IC-Haus GmbH IC-PR Datasheet HTML 7Page - IC-Haus GmbH IC-PR Datasheet HTML 8Page - IC-Haus GmbH IC-PR Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
iC-PR Series
REFLECTIVE OPTO ENCODERS
Rev A3, Page 3/18
PACKAGING INFORMATION
PIN CONFIGURATION
oQFN24-4x4 (4 mm x 4 mm)
1
2
3
4
5
6
7 8 9 10 11 12
13
14
15
16
17
18
19
20
21
22
23
24
PIN FUNCTIONS
No.
Name Function
1 VDD
+3.0 V...+5.5 V Digital Supply Voltage
2 SEL1 Mode Selection Input 1
3 SEL2 Mode Selection Input 2
4 TZ
Index Gating Control Input
5 PZ
Index Output Z+
6 NZ
Index Output Z-
13 EDC
Edge Distance Control Input
14 NB
Incr. Output B- / Analog SIN-
15 PB
Incr. Output B+ / Analog SIN+
16 NA
Incr. Output A- / Analog COS-
17 PA
Incr. Output A+ / Analog COS+
18 GNDD Digital Ground
19 GNDA Analog Ground
20 TMO
Test Mode Output 2)
21 TM2
Test Mode Input 2 2)
22 TM1
Test Mode Input 1 2)
23 VZ
Index Detection Control Input
24 VCC
+4.5 V...+5.5 V Analog Supply Voltage
7..12 n.c.1)
BP
Backside Paddle 3)
IC top marking: <P-CODE> = product code, <A-CODE> = assembly code (subject to changes);
1) Pin numbers marked with n.c. are not connected.
2) The test pins may remain unconnected. TM1, TM2, and TMO can be tied to GNDA to increase the noise immunity.
3) The backside paddle has to be connected by a single link to GNDA. A current flow across the paddle is not permissible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com