Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60CPF02 Datasheet(PDF) 4 Page - International Rectifier

Part # 60CPF02
Description  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

60CPF02 Datasheet(HTML) 4 Page - International Rectifier

  60CPF02 Datasheet HTML 1Page - International Rectifier 60CPF02 Datasheet HTML 2Page - International Rectifier 60CPF02 Datasheet HTML 3Page - International Rectifier 60CPF02 Datasheet HTML 4Page - International Rectifier 60CPF02 Datasheet HTML 5Page - International Rectifier 60CPF02 Datasheet HTML 6Page - International Rectifier 60CPF02 Datasheet HTML 7Page - International Rectifier 60CPF02 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
60EPF.. 60CPF..
QUIETIR Series
Bulletin I2113 rev. D 04/99
www.irf.com
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 9 - Recovery Time Characteristics, T
J
= 150°C
Fig. 8 - Recovery Time Characteristics, T
J
= 25°C
200
300
400
500
600
700
800
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
60.PF.. Series
Initial T = 175°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
J
100
200
300
400
500
600
700
800
900
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Initial T = 195°C
No Voltage Reapplied
Rated V
Reapplied
RRM
Versus Pulse Train Duration.
60.PF.. Series
J
1
10
100
1000
00.511. 5
22.533. 5
4
T = 25°C
J
Instantaneous Forward Voltage (V)
T = 150°C
J
60.PF.. Series
0.05
0.1
0.15
0.2
0
40
80
120
160
200
10 A
Rate Of Fall Of Forward Current - di/dt (A/µs)
I
= 60 A
30 A
5 A
1 A
FM
60.PF.. Series
T
= 25 °C
J
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
10
20
30
40
50
60
70
80
90 100
10 A
Rate Of Fall Of Forward Current - di/dt (A/µs)
I
= 60 A
30 A
5 A
1 A
FM
60.PF.. Series
T = 150 °C
J



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com