Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STESD03C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # STESD03C
Description  Low Capacitance ESD Protection (Bi-directional)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STESD03C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  STESD03C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STESD03C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STESD03C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
STESD03C
70W, 3.3V
Low Capacitance ESD Protection (Bi-directional)
07-Feb-2017 Rev. A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ESD Standards Compliance
ELECTRICAL PARAMETER
IEC61000-4-2 Standard
Contact Discharge
Air Discharge
Level
Test Voltage kV
Level
Test Voltage kV
1
2
1
2
2
4
2
4
3
6
3
8
4
8
4
15
JESD22-A114-B Standard
ESD Class
Human Body Discharge V
0
0 ~ 249
1A
250 ~ 499
1B
500 ~ 999
1C
1000 ~ 1999
2
2000 ~ 3999
3A
4000 ~ 7999
3B
8000 ~15999
Symbol
Parameter
VC
Clamping Voltage @IPP
IPP
Peak Pulse Current
VBR
Breakdown Voltage @IT
IT
Test Current
IR
Reverse Leakage Current @VRWM
VRWM
Reverse Standoff Voltage



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com