Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C100FDREVB Datasheet(PDF) 56 Page - SMSC Corporation

Part # LAN91C100FDREVB
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FDREVB Datasheet(HTML) 56 Page - SMSC Corporation

Back Button LAN91C100FDREVB Datasheet HTML 52Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 53Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 54Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 55Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 56Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 57Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 58Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 59Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 60Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
SMSC DS – LAN91C100FD REV. B
Page 56
Rev. 05/31/2000
OPERATIONAL DESCRIPTION
MAXIMUM GUARANTEED RATINGS*
Operating Temperature Range ................................................................................................................ 0 EC to +70EC
Storage Temperature Range ..............................................................................................................-55EC°to + 150EC
Lead Temperature Range (soldering, 10 seconds) ............................................................................................ +325EC
Positive Voltage on any pin, with respect to Ground ......................................................................................V
CC
+ 0.3V
Negative Voltage on any pin, with respect to Ground ............................................................................................. -0.3V
Maximum V
CC
........................................................................................................................................................... +7V
*Stresses above those listed above could cause permanent damage to the device. This is a stress rating only and
functional operation of the device at any other condition above those indicated in the operation sections of this
specification is not implied.
Note: When powering this device from laboratory or system power supplies, it is important that the Absolute
Maximum Ratings not be exceeded or device failure can result. Some power supplies exhibit voltage spikes on their
outputs when the AC power is switched on or off. In addition, voltage transients on the AC power line may appear on
the DC output. If this possibility exists, it is suggested that a clamp circuit be used.
DC ELECTRICAL CHARACTERISTICS
(T
A
= 0EC - 70EC, V
CC
= +5.0 V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
I Type Input Buffer
Low Input Level
High Input Level
V
ILI
V
IHI
2.0
0.8
V
V
TTL Levels
IS Type Input Buffer
Low Input Level
High Input Level
Schmitt Trigger Hysteresis
V
ILIS
V
IHIS
V
HYS
2.2
250
0.8
V
V
mV
Schmitt Trigger
Schmitt Trigger
I
CLK
Input Buffer
Low Input Level
High Input Level
V
ILCK
V
IHCK
3.0
0.4
V
V
Input Leakage
(All I and IS buffers except
pins with pullups/pulldowns)
Low Input Leakage
High Input Leakage
I
IL
I
IH
-10
-10
+10
+10
µA
µA
V
IN
= 0
V
IN
= V
CC
IP Type Buffers
Input Current
I
IL
-150
-75
mA
V
IN
= 0
ID Type Buffers
Input Current
I
IH
+75
+150
mA
V
IN
= V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com