Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSF20L200CT Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # CSF20L200CT
Description  20A Low Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CSF20L200CT Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  CSF20L200CT Datasheet HTML 1Page - Chip Integration Technology Corporation CSF20L200CT Datasheet HTML 2Page - Chip Integration Technology Corporation CSF20L200CT Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
■ Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Low forward voltage drop.
•
Excellent high temperature stability.
•
Fast switching capability.
•
Suffix "G" indicates Halogen-free part, ex.CSF20L200
G.
•
CT
Lead-free parts meet environmental standards of
•
MIL-STD-19500 /228
CSF20L200CT
20A Low Barrier Diode
Forward voltage drop (per diode)
Reverse current (per diode)
Parameter
Note : 1.Thermal resistance from junction to case per leg, with heatsink size(1.35" x 0.95" x 0.18") Al-plate.
I
O
I
F S M
I
R R M
T , T
J
S T G
Forward rectified current (total device)
Forward surge current (per diode)
Thermal resistance(1) (per diode)
Operating and Storage temperature
Parameter
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
Conditions
Symbol
CSF20L200CT
UNIT
-65 ~ +175
20
180
A
A
O C/W
O C
4
R
θ J C
Junction to case
Peak repetitive reverse surge current
(per diode)
A
2us - 1kHz
3
Marking code
CSF20L200CT
DC blocking voltage
Working peak reverse voltage
Peak repetitive reverse voltage
V
R M
V
RW M
V
R R M
200
V
V
F
I
R
O
V
= V
T = 25 C
R
R R M
J
O
V
= V
T = 125 C
R
R R M
J
Conditions
Symbol
TYP.
UNIT
10
0.1
mV
mA
MIN.
MAX.
O
I = 10A, T = 25 C
F
J
O
I = 10A, T = 125 C
F
J
660
720
860
O
I = 20A, T = 25 C
F
J
960
Reverse recovery time (per diode)
t
r r
I = 0.5A, I = 1A, I
= 0.25A
F
R
R R
O
I = 1A, V = 30V, di/dt = 100A/us, T = 25 C
F
R
J
25
30
ns
20
24
Document ID : DS-11K5T
Revised Date : 2015/05/25
Revision : C7
• Epoxy : UL94-V0 rated flame retardant.
.
• Case : JEDEC ITO-220AB molded plastic body
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026.
ed.
• Polarity: As mark
.
• Mounting Position : Any
.
• Weight : Approximated 2.25 gram
■ Outline
ITO-220AB
symbol
Dimensions in inches(millimeters)
A
B
C
D
E
F
G
H
I
J
K
L
M
N
ØP
Min
Max
0.390(9.9)
0.408(10.36)
0.268(6.8)
0.283(7.2)
0.583(14.8)
0.598(15.2)
0.512(13.0)
0.543(13.8)
0.102(2.6)
0.150(3.8)
0.101(2.55)
0.112(2.85)
0.043(1.1)
0.053(1.35)
0.043(1.1)
0.053(1.35)
0.020(0.5)
0.028(0.7)
0.098(2.49)
0.102(2.59)
0.169(4.3)
0.185(4.7)
0.112(2.85)
0.128(3.25)
0.098(2.5)
0.114(2.9)
0.020(0.5)
0.028(0.7)
0.130(3.3)
0.134(3.5)
symbol
Dimensions in inches(millimeters)
A
B
C
D
E
F
G
H
I
J
K
L
M
N
ØP
Min
Max
0.383(9.72)
0.404(10.27)
0.248(6.3)
0.272(6.9)
0.571(14.5)
0.610(15.5)
0.516(13.1)
0.547(13.9)
-
0.161(4.1)
0.094(2.4)
0.126(3.2)
0.039(1.0)
0.051(1.3)
0.039(1.0)
0.051(1.3)
0.020(0.5)
0.035(0.9)
0.095(2.41)
0.105(2.67)
0.169(4.3)
0.189(4.8)
0.055(1.4)
0.122(3.1)
0.091(2.3)
0.117(2.96)
0.014(0.35)
0.031(0.8)
0.122(3.1)
0.142(3.6)
Alternate
PIN 1
PIN 3
PIN 2
Marking code
A
1
2
3
J
B
C
D
E
F
G
H
I
K
L
M
N
ØP
Marking code
A
1
2
3
J
B
C
D
E
F
G
H
I
K
L
M
N
ØP


Similar Part No. - CSF20L200CT

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CSF20L200CT-A CITC-CSF20L200CT-A Datasheet
468Kb / 3P
20A Low Barrier Diode
More results

Similar Description - CSF20L200CT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJS6004WDPK RENESAS-RJS6004WDPK Datasheet
65Kb / 4P
600V - 20A - Diode SiC Schottky Barrier Diode
logo
Formosa MS
MBRF20100CT FORMOSA-MBRF20100CT Datasheet
171Kb / 3P
20A SCHOTTKY BARRIER DIODE
logo
Renesas Technology Corp
RJS6004WDPK RENESAS-RJS6004WDPK_15 Datasheet
70Kb / 4P
600V - 20A - Diode SiC Schottky Barrier Diode
logo
Chip Integration Techno...
CSF20L60CT-A CITC-CSF20L60CT-A Datasheet
471Kb / 3P
20A Low Barrier Diode
CSF20L100CT-A CITC-CSF20L100CT-A Datasheet
468Kb / 3P
20A Low Barrier Diode
CSF20L200CT-A CITC-CSF20L200CT-A Datasheet
468Kb / 3P
20A Low Barrier Diode
CSP20S60S-A CITC-CSP20S60S-A Datasheet
465Kb / 3P
20A Surface Mount Low Barrier Diode
CST20L40CT CITC-CST20L40CT Datasheet
465Kb / 3P
20A Trench Low Barrier Diode
CSTF20L40CT CITC-CSTF20L40CT Datasheet
467Kb / 3P
20A Trench Low Barrier Diode
logo
Zibo Seno Electronic En...
20SQ030 ZSELEC-20SQ030 Datasheet
89Kb / 2P
20A SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com