Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

403CMQ Datasheet(PDF) 1 Page - International Rectifier

Part # 403CMQ
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

403CMQ Datasheet(HTML) 1 Page - International Rectifier

  403CMQ Datasheet HTML 1Page - International Rectifier 403CMQ Datasheet HTML 2Page - International Rectifier 403CMQ Datasheet HTML 3Page - International Rectifier 403CMQ Datasheet HTML 4Page - International Rectifier 403CMQ Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The 403CMQ high current Schottky rectifier module series has
been optimized for low reverse leakage at high temperature.
The proprietary barrier technology allows for reliable operation
up to 175°C junction temperature. Typical applications are in
high current switching power supplies, plating power supplies,
UPS systems, converters, free-wheeling diodes, welding, and
reverse battery protection.
175 °C T
J operation
Center tap module - Isolated Base
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Description/Features
Major Ratings and Characteristics
I
F(AV) Rectangular
400
A
waveform
V
RRM Range
80 to100
V
I
FSM @ tp = 5 µs sine
25,500
A
V
F
@200Apk,T
J=125°C
0.69
V
(per leg)
T
J
range
-55to175
°C
Characteristics
403CMQ... Units
SCHOTTKY RECTIFIER
403CMQ... Series
400 Amp
Bulletin PD-20726 rev. B 08/01
1
TO-244AB Isolated
www.irf.com
Modified JEDEC
Outline TO-244AB Isolated
Dimensions in millimeters and (inches)
2
LUG
TERMINAL
ANODE 1
LUG
TERMINAL
ANODE 3
COMMON
CATHODE
ISOLATED BASE


Similar Part No. - 403CMQ

ManufacturerPart #DatasheetDescription
logo
Sensitron
403CMQ SENSITRON-403CMQ Datasheet
185Kb / 4P
SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
403CMQ SMC-403CMQ Datasheet
224Kb / 4P
Guard ring for enhanced ruggedness and long term reliability
logo
SMC Diode Solutions Co....
403CMQ SMCDIODE-403CMQ Datasheet
343Kb / 5P
SCHOTTKY RECTIFIER
Rev F
logo
Sensitron
403CMQ080 SENSITRON-403CMQ080 Datasheet
185Kb / 4P
SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
403CMQ080 SMC-403CMQ080 Datasheet
218Kb / 4P
SCHOTTKY RECTIFIER
More results

Similar Description - 403CMQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com