Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5241 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5241
Description  I2C Compatible 256-Position Digital Potentiometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5241 Datasheet(HTML) 2 Page - Analog Devices

  AD5241 Datasheet HTML 1Page - Analog Devices AD5241 Datasheet HTML 2Page - Analog Devices AD5241 Datasheet HTML 3Page - Analog Devices AD5241 Datasheet HTML 4Page - Analog Devices AD5241 Datasheet HTML 5Page - Analog Devices AD5241 Datasheet HTML 6Page - Analog Devices AD5241 Datasheet HTML 7Page - Analog Devices AD5241 Datasheet HTML 8Page - Analog Devices AD5241 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. B
–2–
AD5241/AD5242–SPECIFICATIONS
10 k , 100 k , 1 M
VERSION
Parameter
Symbol
Conditions
Min
Typ
1
Max
Unit
DC CHARACTERISTICS, RHEOSTAT MODE (Specifications apply to all VRs.)
Resistor Differential Nonlinearity
2
R-DNL
RWB, VA = No Connect
–1
±0.4 +1
LSB
Resistor Integral Nonlinearity
2
R-INL
RWB, VA = No Connect
–2
±0.5 +2
LSB
Nominal Resistor Tolerance
DR
TA = 25
°C, RAB = 10 kΩ
–30
+30
%
DR
TA = 25
°C, RAB = 100 kΩ/1 MΩ
–30
+50
%
Resistance Temperature Coefficient
RAB/DT
VAB = VDD, Wiper = No Connect
30
ppm/
°C
Wiper Resistance
RW
IW = VDD /R, VDD = 3 V or 5 V
60
120
Ω
DC CHARACTERISTICS, POTENTIOMETER DIVIDER MODE (Specifications apply to all VRs.)
Resolution
N
8
Bits
Differential Nonlinearity
3
DNL
–1
±0.4 +1
LSB
Integral Nonlinearity
3
INL
–2
±0.5 +2
LSB
Voltage Divider Temperature
Coefficient
DVW/DT
Code = 80H
5
ppm/
°C
Full-Scale Error
VWFSE
Code = FFH
–1
–0.5
0
LSB
Zero-Scale Error
VWZSE
Code = 00H
0
0.5
1
LSB
RESISTOR TERMINALS
Voltage Range
4
VA, B, W
VSS
VDD
V
Capacitance
5 A, B
CA, B
f = 1 MHz, Measured to GND, Code = 80H
45
pF
Capacitance
5 WC
W
f = 1 MHz, Measured to GND, Code = 80H
60
pF
Common-Mode Leakage
ICM
VA = VB = VW
1nA
DIGITAL INPUTS
Input Logic High (SDA and SCL)
VIH
0.7 VDD
VDD + 0.5 V
Input Logic Low (SDA and SCL)
VIL
–0.5
+0.3 VDD
V
Input Logic High (AD0 and AD1)
VIH
VDD = 5 V
2.4
VDD
V
Input Logic Low (AD0 and AD1)
VIL
VDD = 5 V
0
0.8
V
Input Logic High
VIH
VDD = 3 V
2.1
VDD
V
Input Logic Low
VIL
VDD = 3 V
0
0.6
V
Input Current
IIL
VIN = 0 V or 5 V
1
µA
Input Capacitance
5
CIL
3pF
DIGITAL OUTPUT
VOL
IOL = 3 mA
0.4
V
Output Logic Low (SDA)
VOL
IOL = 6 mA
0.6
V
Output Logic Low (O1 and O2)VOL
ISINK = 1.6 mA
0.4
V
Output Logic High (O1 and O2)VOH
ISOURCE = 40
µA4
V
Three-State Leakage Current (SDA) IOZ
VIN = 0 V or 5 V
±1
µA
Output Capacitance
5
COZ
38
pF
POWER SUPPLIES
Power Single-Supply Range
VDD RANGE
VSS = 0 V
2.7
5.5
V
Power Dual-Supply Range
VDD/SS RANGE
±2.3
±2.7
V
Positive Supply Current
IDD
VIH = 5 V or VIL = 0 V
0.1
50
µA
Negative Supply Current
ISS
VSS = –2.5 V, VDD = +2.5 V
+0.1
–50
µA
Power Dissipation
6
PDISS
VIH = 5 V or VIL = 0 V, VDD = 5 V
0.5
250
µW
Power Supply Sensitivity
PSS
–0.01 +0.002 +0.01
%/%
DYNAMIC CHARACTERISTICS
5, 7, 8
Bandwidth –3 dB
BW_10 k
Ω
RAB = 10 k
Ω, Code = 80
H
650
kHz
BW_100 k
Ω R
AB = 100 k
Ω, Code = 80
H
69
kHz
BW_1 M
Ω
RAB = 1 M
Ω, Code = 80H
6
kHz
Total Harmonic Distortion
THDW
VA = 1 V rms + 2 V dc,
0.005
%
VB = 2 V dc, f = 1 kHz
VW Settling Time
tS
VA = VDD, VB = 0 V,
±1 LSB Error Band,
2
µs
RAB = 10 k
Ω
Resistor Noise Voltage
eN_WB
RWB = 5 k
Ω, f = 1 kHz
14
nV
√Hz
(VDD = 3 V
10% or 5 V
10%, VA = +VDD, VB = 0 V, –40 C < TA < +105 C, unless
otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com