Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NG80960JD Datasheet(PDF) 39 Page - Intel Corporation

Part # NG80960JD
Description  3.3 V EMBEDDED 32-BIT MICROPROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JD Datasheet(HTML) 39 Page - Intel Corporation

Back Button NG80960JD Datasheet HTML 35Page - Intel Corporation NG80960JD Datasheet HTML 36Page - Intel Corporation NG80960JD Datasheet HTML 37Page - Intel Corporation NG80960JD Datasheet HTML 38Page - Intel Corporation NG80960JD Datasheet HTML 39Page - Intel Corporation NG80960JD Datasheet HTML 40Page - Intel Corporation NG80960JD Datasheet HTML 41Page - Intel Corporation NG80960JD Datasheet HTML 42Page - Intel Corporation NG80960JD Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
80960JD
PRODUCT PREVIEW
33
Figure 16. Input Setup and Hold Waveform for TIS4 and TIH4
Figure 17. Relative Timings Waveform for TLX, TLXL and TLXA
RESET
Valid
ONCE,
TIS4
TIH4
STEST
CLKIN
ALE
1.5V
1.5V
1.5V
ALE
1.5V
1.5V
AD31:0
Valid
TLXA
Ta
Tw/Td
1.5V
Valid
1.5V
TLXL
TLX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com