Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP564 Datasheet(PDF) 11 Page - Analog Devices

Part # ADCMP564
Description  Dual High Speed ECL Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP564 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADCMP564 Datasheet HTML 7Page - Analog Devices ADCMP564 Datasheet HTML 8Page - Analog Devices ADCMP564 Datasheet HTML 9Page - Analog Devices ADCMP564 Datasheet HTML 10Page - Analog Devices ADCMP564 Datasheet HTML 11Page - Analog Devices ADCMP564 Datasheet HTML 12Page - Analog Devices ADCMP564 Datasheet HTML 13Page - Analog Devices ADCMP564 Datasheet HTML 14Page - Analog Devices ADCMP564 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADCMP563/ADCMP564
Rev. A | Page 11 of 16
APPLICATION INFORMATION
The ADCMP563/ADCMP564 comparators are very high speed
devices. Consequently, high speed design techniques must be
employed to achieve the best performance. The most critical
aspect of any ADCMP563/ADCMP564 design is the use of a
low impedance ground plane. A ground plane, as part of a
multilayer board, is recommended for proper high speed
performance. Using a continuous conductive plane over the
surface of the circuit board can create this, allowing breaks in
the plane only for necessary signal paths. The ground plane
provides a low inductance ground, eliminating any potential
differences at different ground points throughout the circuit
board caused by ground bounce. A proper ground plane also
minimizes the effects of stray capacitance on the circuit board.
It is also important to provide bypass capacitors for the power
supply in a high speed application. A 1 µF electrolytic bypass
capacitor should be placed within 0.5 inches of each power
supply pin to ground. These capacitors reduce any potential
voltage ripples from the power supply. In addition, a 10 nF
ceramic capacitor should be placed as close as possible from the
power supply pins on the ADCMP563/ADCMP564 to ground.
These capacitors act as a charge reservoir for the device during
high frequency switching.
The LATCH ENABLE input is active low (latched). If the
latching function is not used, the LATCH ENABLE input may
be left open or may be grounded (ground is an ECL logic high)
The complementary input, LATCH ENABLE, may be left open
or may be tied to −2.0 V. Leaving the latch inputs unconnected
or providing the proper voltages disables the latching function.
Occasionally, one of the two comparator stages within the
ADCMP563/ADCMP564 is not used. The inputs of the unused
comparator should not be allowed to float. The high internal
gain may cause the output to oscillate (possibly affecting the
comparator that is being used) unless the output is forced into a
fixed state. This is easily accomplished by ensuring that the two
inputs are at least one diode drop apart, while also appropriately
connecting the LATCH ENABLE and LATCH ENABLE inputs
as described previously.
The best performance is achieved with the use of proper ECL
terminations. The open emitter outputs of the ADCMP563/
ADCMP564 are designed to be terminated through 50 Ω
resistors to −2.0 V, or any other equivalent ECL termination. If a
−2.0 V supply is not available, an 82 Ω resistor to ground and a
130 Ω resistor to −5.2 V provide a suitable equivalent. If high
speed ECL signals must be routed more than a centimeter,
microstrip or stripline techniques may be required to ensure
proper transition times and prevent output ringing.
CLOCK TIMING RECOVERY
Comparators are often used in digital systems to recover clock
timing signals. High speed square waves transmitted over a
distance, even tens of centimeters, can become distorted due to
stray capacitance and inductance. Poor layout or improper
termination can also cause reflections on the transmission line,
further distorting the signal waveform. A high speed
comparator can be used to recover the distorted waveform
while maintaining a minimum of delay.
OPTIMIZING HIGH SPEED PERFORMANCE
As with any high speed comparator amplifier, proper design
and layout techniques should be used to ensure optimal
performance from the ADCMP563/ADCMP564. The perfor-
mance limits of high speed circuitry can easily be a result of
stray capacitance, improper ground impedance, or other
layout issues.
Minimizing resistance from source to the input is an important
consideration in maximizing the high speed operation of the
ADCMP563/ADCMP564. Source resistance, in combination
with equivalent input capacitance, could cause a lagged
response at the input, thus delaying the output. The input
capacitance of the ADCMP563/ADCMP564, in combination
with stray capacitance from an input pin to ground, could result
in several picofarads of equivalent capacitance. A combination
of 3 kΩ source resistance and 5 pF input capacitance yields a
time constant of 15 ns, which is significantly slower than the
750 ps capability of the ADCMP563/ADCMP564. Source
impedances should be significantly less than 100 Ω for best
performance.
Sockets should be avoided due to stray capacitance and induc-
tance. If proper high speed techniques are used, the devices
should be free from oscillation when the comparator input
signal passes through the switching threshold.
COMPARATOR PROPAGATION DELAY
DISPERSION
The ADCMP563/ADCMP564 have been specifically designed
to reduce propagation delay dispersion over an input overdrive
range of 100 mV to 1.5 V. Propagation delay overdrive
dispersion is the change in propagation delay that results from a
change in the degree of overdrive (how far the switching point
is exceeded by the input). The overall result is a higher degree of
timing accuracy because the ADCMP563/ADCMP564 are far
less sensitive to input variations than most comparator designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com