Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP563BRQ Datasheet(PDF) 13 Page - Analog Devices

Part # ADCMP563BRQ
Description  Dual High Speed ECL Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP563BRQ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADCMP563BRQ Datasheet HTML 8Page - Analog Devices ADCMP563BRQ Datasheet HTML 9Page - Analog Devices ADCMP563BRQ Datasheet HTML 10Page - Analog Devices ADCMP563BRQ Datasheet HTML 11Page - Analog Devices ADCMP563BRQ Datasheet HTML 12Page - Analog Devices ADCMP563BRQ Datasheet HTML 13Page - Analog Devices ADCMP563BRQ Datasheet HTML 14Page - Analog Devices ADCMP563BRQ Datasheet HTML 15Page - Analog Devices ADCMP563BRQ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADCMP563/ADCMP564
Rev. A | Page 13 of 16
TYPICAL APPLICATION CIRCUITS
ADCMP563/
ADCMP564
ALL RESISTORS 50
OUTPUTS
VIN
VREF
LATCH
ENABLE
INPUTS
–2.0V
Figure 22. High Speed Sampling Circuits
ALL RESISTORS 50
Ω UNLESS OTHERWISE NOTED
OUTPUTS
+VREF
–VREF
VIN
LATCH
ENABLE
INPUTS
ADCMP563/
ADCMP564
ADCMP563/
ADCMP564
–2V
–2V
OUTPUTS
Figure 23. High Speed Window Comparator
ADCMP564
ALL RESISTORS 50
Ω, UNLESS OTHERWISE NOTED
OUTPUTS
HYS
VIN
VREF
–2.0V
0
Ω TO 80kΩ
Figure 24. Adding Hysteresis Using the HYS Control Pin
VIN
–5.2V
30
127
127
50
30
50
ADCMP563/
ADCMP564
Figure 25. How to Interface an ECL Output to an
Instrument with a 50 Ω to Ground Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com