Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7921AUJ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7921AUJ-R2
Description  2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7921AUJ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7921AUJ-R2 Datasheet HTML 6Page - Analog Devices AD7921AUJ-R2 Datasheet HTML 7Page - Analog Devices AD7921AUJ-R2 Datasheet HTML 8Page - Analog Devices AD7921AUJ-R2 Datasheet HTML 9Page - Analog Devices AD7921AUJ-R2 Datasheet HTML 10Page - Analog Devices AD7921AUJ-R2 Datasheet HTML 11Page - Analog Devices AD7921AUJ-R2 Datasheet HTML 12Page - Analog Devices AD7921AUJ-R2 Datasheet HTML 13Page - Analog Devices AD7921AUJ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD7911/AD7921
Rev. 0 | Page 10 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VIN1
VIN0
GND
VDD
8
7
6
5
DIN
1
SCLK
2
CS
3
DOUT
4
AD7911/
AD7921
8-LEAD TSOT
TOP VIEW
(Not to Scale)
Figure 8. 8-Lead TSOT Pin Configuration
VDD
GND
VIN0
VIN1
8
7
6
5
DOUT
1
CS
2
SCLK
3
DIN
4
AD7911/
AD7921
8-LEAD MSOP
TOP VIEW
(Not to Scale)
Figure 9. 8-Lead MSOP Pin Configuration
Table 5. Pin Function Descriptions
TSOT
Pin No.
MSOP
Pin No.
Mnemonic
Function
1
4
DIN
Data In. Logic input. The channel to be converted is provided on this input and is clocked into an
internal register on the falling edge of SCLK.
2
3
SCLK
Serial Clock. Logic input. SCLK provides the serial clock for accessing data from the part. This clock
input is also used as the clock source for the AD7911/AD7921’s conversion process.
3
2
CS
Chip Select. Active low logic input. This input provides the dual function of initiating conversions on
the AD7911/AD7921 and framing the serial data transfer.
4
1
DOUT
Data Out. Logic output. The conversion result from the AD7911/AD7921 is provided on this output as a
serial data stream. The bits are clocked out on the falling edge of the SCLK signal.
For the AD7921, the data stream consists of two leading zeros; the channel identifier bit, which
identifies the channel that the conversion result corresponds to; followed by an invalid bit that
matches up to the channel identifier bit; followed by the 12 bits of conversion data, with MSB first.
For the AD7911, the data stream consists of two leading zeros; the channel identifier bit, which
identifies the channel that the conversion result corresponds to; followed by an invalid bit that
matches up to the channel identifier bit; followed by the 10 bits of conversion data, with MSB first and
two trailing zeros.
5
8
VDD
Power Supply Input. The VDD range for the AD7911/AD7921 is from 2.35 V to 5.25 V.
6
7
GND
Analog Ground. Ground reference point for all circuitry on the AD7911/AD7921. All analog input
signals should be referred to this GND voltage.
7, 8
6, 5
VIN0, VIN1
Analog Inputs. These two single-ended analog input channels are multiplexed into the on-chip track-
and-hold amplifier. The analog input channel to be converted is selected by writing to the third MSB
on the DIN pin. The input range is 0 to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com