Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7174BCP Datasheet(PDF) 2 Page - Analog Devices

Part # ADV7174BCP
Description  Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7174BCP Datasheet(HTML) 2 Page - Analog Devices

  ADV7174BCP Datasheet HTML 1Page - Analog Devices ADV7174BCP Datasheet HTML 2Page - Analog Devices ADV7174BCP Datasheet HTML 3Page - Analog Devices ADV7174BCP Datasheet HTML 4Page - Analog Devices ADV7174BCP Datasheet HTML 5Page - Analog Devices ADV7174BCP Datasheet HTML 6Page - Analog Devices ADV7174BCP Datasheet HTML 7Page - Analog Devices ADV7174BCP Datasheet HTML 8Page - Analog Devices ADV7174BCP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
ADV7174/ADV7179
Rev. A | Page 2 of 52
TABLE OF CONTENTS
Specifications..................................................................................... 4
2.8 V Specifications ...................................................................... 4
2.8 V Timing Specifications ........................................................ 5
3.3 V Specifications ...................................................................... 6
3.3 V Timing Specifications ........................................................ 7
Absolute Maximum Ratings............................................................ 9
ESD Caution.................................................................................. 9
Pin Configuration and Function Descriptions........................... 10
General Description ....................................................................... 11
Data Path Description................................................................ 11
Internal Filter Response............................................................. 11
Typical Performance Characteristics ........................................... 13
Features ............................................................................................ 16
Color Bar Generation ................................................................ 16
Square Pixel Mode...................................................................... 16
Color Signal Control .................................................................. 16
Burst Signal Control................................................................... 16
NTSC Pedestal Control ............................................................. 16
Pixel Timing Description .......................................................... 16
8-Bit YCrCb Mode ................................................................. 16
Subcarrier Reset.......................................................................... 16
Real-Time Control ..................................................................... 16
Video Timing Description .................................................... 16
Vertical Blanking Data Insertion.......................................... 17
Mode 0 (CCIR-656): Slave Option....................................... 17
Mode 0 (CCIR-656): Master Option ................................... 17
Mode 1: Slave Option HSYNC, BLANK, FIELD................ 20
Mode 1: Master Option HSYNC, BLANK, FIELD ............ 21
Mode 2: Slave Option HSYNC, VSYNC, BLANK.............. 22
Mode 2: Master Option HSYNC, VSYNC, BLANK .......... 23
Mode 3: Master/Slave Option HSYNC, BLANK, FIELD.. 24
Power-On Reset.......................................................................... 25
SCH Phase Mode........................................................................ 25
MPU Port Description............................................................... 25
Register Accesses ........................................................................ 26
Register Programming................................................................... 27
Subaddress Register (SR7–SR0) ............................................... 27
Register Select (SR5–SR0) ......................................................... 27
Mode Register 1 (MR1) ............................................................. 29
Mode Register 2 (MR2) ............................................................. 30
Mode Register 3 (MR3) ............................................................. 31
Mode Register 4 (MR4) ............................................................. 32
Timing Mode Register 0 (TR0) ................................................ 33
Timing Mode Register 1 (TR1) ................................................ 34
Subcarrier Frequency Registers 3–0 ........................................ 35
Subcarrier Phase Register.......................................................... 35
Closed Captioning Even Field Data Registers 1–0 ................ 35
Closed Captioning Odd Field Data Registers 1–0 ................. 36
NTSC Pedestal/PAL Teletext Control Registers 3–0 ............. 36
Teletext Request Control Register (TC07) .............................. 37
CGMS_WSS Register 0 (C/W0)............................................... 37
CGMS_WSS Register 1 (C/W1)............................................... 38
CGMS_WSS Register 2 (C/W2)............................................... 38
Appendix 1—Board Design and Layout Considerations.......... 39
Ground Planes ............................................................................ 39
Power Planes ............................................................................... 39
Supply Decoupling ..................................................................... 40
Digital Signal Interconnect ....................................................... 40
Analog Signal Interconnect....................................................... 40
Appendix 2—Closed Captioning ................................................. 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com