Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM4500K Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APM4500K
Description  Dual Enhancement Mode MOSFET (N-and P-Channel)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4500K Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APM4500K Datasheet HTML 1Page - Anpec Electronics Coropration APM4500K Datasheet HTML 2Page - Anpec Electronics Coropration APM4500K Datasheet HTML 3Page - Anpec Electronics Coropration APM4500K Datasheet HTML 4Page - Anpec Electronics Coropration APM4500K Datasheet HTML 5Page - Anpec Electronics Coropration APM4500K Datasheet HTML 6Page - Anpec Electronics Coropration APM4500K Datasheet HTML 7Page - Anpec Electronics Coropration APM4500K Datasheet HTML 8Page - Anpec Electronics Coropration APM4500K Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.2 - May., 2003
www.anpec.com.tw
2
APM4500
APM4500
Symbol
Parameter
Test Condition
Min. Typ. Max.
Unit
Static
N-Ch
20
BVDSS
Drain-Source Breakdown
Voltage
VGS=0V , IDS=250
µA
P-Ch
-20
V
VDS=16V , VGS=0V
N-Ch
1
IDSS
Zero Gate Voltage Drain
Current
VDS=-16V , VGS=0V
P-Ch
-1
µA
VDS=VGS , IDS=250
µA
N-Ch
0.5
0.7
1
VGS(th)
Gate Threshold Voltage
VDS=VGS , IDS=-250
µA
P-Ch -0.45
-1
V
VGS=
±12V , VDS=0V
N-Ch
±100
IGSS
Gate Leakage Current
VGS=
±12V , VDS=0V
P-Ch
±100
nA
VGS=4.5V , IDS=8A
22
26
VGS=2.5V , IDS=5.2A
N-Ch
30
36
VGS=-4.5V , IDS=-4.3A
80
90
RDS(ON)a
Drain-Source On-state
Resistance
VGS=-2.5V , IDS=-2A
P-Ch
105
115
m
Ω
ISD=1.7A , VGS=0V
N-Ch
0.8
1.3
VSDa
Diode Forward Voltage
ISD=-1.25A , VGS=0V
P-Ch
-0.7
-1.3
V
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Absolute Maximum Ratings (T
A = 25°C unless otherwise noted)
Symbol
Parameter
N-Channel
P-Channel
Unit
VDSS
Drain-Source Voltage
20
-20
VGSS
Gate-Source Voltage
±12
±12
V
ID*
Maximum Drain Current – Continuous
8
-4.3
IDM
Maximum Drain Current – Pulsed
35
-17
A
TA=25
°C
2.5
2.5
PD
Maximum Power Dissipation
T
A=100
°C
1.0
1.0
W
TJ
Maximum Junction Temperature
150
°C
TSTG
Storage Temperature Range
-55 to 150
°C
RθjA
Thermal Resistance – Junction to Ambient
62.5
°C/W
* Surface Mounted on FR4 Board, t
≤ 10 sec.
Notes
a
: Pulse test ; pulse width
≤300µs, duty cycle ≤ 2%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com