Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSRF04N60SL Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SSRF04N60SL
Description  N-Ch Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSRF04N60SL Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SSRF04N60SL Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSRF04N60SL Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSRF04N60SL Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSRF04N60SL Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSRF04N60SL Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Elektronische Bauelemente
SSRF04N60SL
4A , 600V , RDS(ON) 2.4
N-Ch Enhancement Mode Power MOSFET
10-Aug-2015 Rev. A
Page 3 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVES



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com