Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT76C511 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT76C511
Description  Dual Ethernet to IEEE 802.11b WLAN Bridge on-A Chip
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT76C511 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT76C511 Datasheet HTML 1Page - ATMEL Corporation AT76C511 Datasheet HTML 2Page - ATMEL Corporation AT76C511 Datasheet HTML 3Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2383BS–WLAN–01/04
Features
• Wireless Interface Following the IEEE 802.11b Standard
• Two Ethernet MAC Units (EMU) Interfaces with 10/100 Mbits Ethernet Physical Layer
Transceivers through Standard MII Ports
• Dual ARM7TDMI® RISC Processor Architecture
• Inter-networking ARM7TDMI (INWARM) with 16 Kbytes Program and Data Cache
Controls the Ethernet MAC Units and Provides the Bridging Functions between
Ethernet and Wireless Interfaces
• WLAN ARM7TDMI (WLANARM) with a Dedicated 32 Kbytes Program Memory
Coordinates the 802.11b MAC Functionality
• 802.11b MAC Unit with 512-byte Transmit and 128-byte Receive FIFOs
• SDRAM Interface Supporting up to 256 MBytes of External Memory Shared between
Both Processors
• 32-bit DMA Channels Are Used for Data Packet Transfers between the SDRAM and the
MAC Units
• Enciphering/Deciphering of Wireless Data On-the-fly Ensures Maximum Privacy of
Data
• SPI Interface and Eight GPIO Pins that Can Be Used As Slave-Select Pins
• A Bootstrap ROM Is Used in the Initialization Phase by the WLAN ARM® to Execute a
Code Downloading Procedure from an SPI Flash to Its Internal Program Memory
• UART with 16-byte Receive and Transmit FIFO and Programmable Baud Rate up to
921 Kbaud
• Supports 802.1f (IAPP) and Tap-Dance™ (Atmel proprietary roaming protocol)
• 2.5 V for Core and 3.3 V for I/O
• Different Packages, Depending on the Requirements
Block Diagram
Inter-networking
ARM Core
(INWARM)
Decoder/Arbiter/
Bridge #2
Timers,
Interrupt
Controller #2
Cache
Memory
External
Memory
Interface
Internal
Memory #1
WLAN
ARM Core
(WLANARM)
Decoder/Arbiter/
Bridge #1
Timers,
Interrupt
Controller #1
Ethernet
Processor 0
MAC
Support Unit
(MSU)
Ethernet
Processor 1
UART
SPI
Dual Ethernet to
IEEE 802.11b
WLAN Bridge-
on-a-Chip
(DEW-B)
AT76C511
Summary
Note: This is a summary document. A complete document
is available under NDA. For more information, please con-
tact your local Atmel sales office.


Similar Part No. - AT76C511

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT76C511 ATMEL-AT76C511 Datasheet
58Kb / 3P
Dual Ethernet to IEEE 802.11b WLAN Bridgeon-on-a-Chip(DEW-B)
More results

Similar Description - AT76C511

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL38601M-EVAL INTERSIL-ISL38601M-EVAL Datasheet
23Kb / 1P
ISL38601M PRISM GT??miniPCI IEEE 802.11g, 802.11b WLAN NIC
August 2003
logo
ATMEL Corporation
AT76C511 ATMEL-AT76C511 Datasheet
58Kb / 3P
Dual Ethernet to IEEE 802.11b WLAN Bridgeon-on-a-Chip(DEW-B)
logo
STMicroelectronics
STLC4420A STMICROELECTRONICS-STLC4420A Datasheet
486Kb / 40P
Single chip 802.11b/g/a WLAN radio
05-Mar-2006
logo
rfsolutions.ltd
S103 RFSOLUTIONS-S103 Datasheet
82Kb / 2P
802.11B WLAN TO RS232 MODULE
logo
ATMEL Corporation
AT76C510 ATMEL-AT76C510 Datasheet
45Kb / 3P
Ethernet to Wireless Bridge-on-a-Chip
logo
Realtek Semiconductor C...
RTL8189EM-CG REALTEK-RTL8189EM-CG Datasheet
433Kb / 21P
SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN With SDIO INTERFACE
logo
Richtek Technology Corp...
RTL8189ETV RICHTEK-RTL8189ETV Datasheet
647Kb / 23P
SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN With SDIO INTERFACE
logo
Realtek Semiconductor C...
RTL8188ER-CG REALTEK-RTL8188ER-CG Datasheet
569Kb / 20P
SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN
RTL8188ETV REALTEK-RTL8188ETV Datasheet
393Kb / 20P
SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN
RTL8191SE REALTEK-RTL8191SE Datasheet
288Kb / 16P
SINGLE-CHIP IEEE 802.11b/g/n WLAN CONTROLLER with PCI EXPRESSTM INTERFACE
Rev. 0.4 Nov 2008
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com