Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1200149 Datasheet(PDF) 7 Page - SICK AG

Part # 1200149
Description  MULTIPLE LIGHT BEAM SAFETY DEVICES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1200149 Datasheet(HTML) 7 Page - SICK AG

  1200149 Datasheet HTML 1Page - SICK AG 1200149 Datasheet HTML 2Page - SICK AG 1200149 Datasheet HTML 3Page - SICK AG 1200149 Datasheet HTML 4Page - SICK AG 1200149 Datasheet HTML 5Page - SICK AG 1200149 Datasheet HTML 6Page - SICK AG 1200149 Datasheet HTML 7Page - SICK AG 1200149 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
M40S-70A105AA0, M40E-70A105RA0 | M4000 Area
MULTIPLE LIGHT BEAM SAFETY DEVICES
Recommended accessories
Other models and accessories
www.sick.com/M4000_Area
Brief description
Type
Part no.
Mounting brackets and plates
4 pieces, Mounting kit 1, mounting bracket, rigid, L-shaped, including fixing screws
and washers
BEF-3WNGBAST4
7021352
Other mounting accessories
2 pieces, Floor stands for the horizontal mounting of the safety light curtains C4000
Fusion, Entry/Exit, Palletizer, as well as the multi-beam safety light curtain M4000
Area, for mounting heights of between 70 mm and 780 mm., Includes mounting
bracket
BEF-3HHOCAST2
2041661
Terminal and alignment brackets
4 pieces, Mounting kit 6, side bracket, rotatable, Zinc diecast
BEF-1SHABAZN4
2019506
4 pieces, Mounting kit 12, rotatable, swivel mount
BEF-2SMGEAKU4
2030510
Plug connectors and cables
Head A: female connector, M26, 12-pin, straight
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-0612G05M075KM0
2022545
Head A: female connector, M26, 12-pin, straight
Head B: cable
Cable: PVC, unshielded, 10 m
DOL-0612G10M075KM0
2022547
Head A: female connector, M26, 12-pin, straight
Head B: cable
Cable: PVC, unshielded, 20 m
DOL-0612G20M075KM0
2022549
Head A: female connector, M26, 12-pin, straight
Head B: -
Cable: unshielded
DOS-0612G000GA3KM0
6020757
Head A: female connector, M26, 12-pin, angled
Head B: -
Cable: unshielded
DOS-0612W000GA3KM0
6020758
Alignment aids
Laser alignment aid for various sensors, laser class 2 (IEC 60825). Do not look into
the beam!
AR60
1015741
Adapter AR60 for M4000 and M4000 Curtain
AR60 adapter, M4000
4040006
2017-08-24 18:11:25 | Online data sheet
Subject to change without notice
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com