Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSL545AS-A Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # CSL545AS-A
Description  Super Low Barrier High Voltage Power Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CSL545AS-A Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  CSL545AS-A Datasheet HTML 1Page - Chip Integration Technology Corporation CSL545AS-A Datasheet HTML 2Page - Chip Integration Technology Corporation CSL545AS-A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
■ Features
Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Low forward voltage drop.
Excellent high temperature stability.
Fast switching capability.
Suffix "G" indicates Halogen-free part, ex.CSL545ASG-A.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
CSL545AS-A
Forward rectified current
Forward surge current
Thermal resistance
Storage temperature
Parameter
Forward voltage drop
Reverse current
Parameter
Marking code
Working peak reverse voltage
Note : 1.FR-4 PCB, 2oz.Copper.
I
O
I
F S M
T
S T G
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
Conditions
Symbol
CSL545AS
UNIT
-55 ~ +150
5
150
A
A
O C/W
O C
30
R
θ J C
Junction to case
2us - 1KHz
CSL545
V
RW M
45
V
V
F
I
R
O
V
= V
T = 25 C
R
R R M
J
Conditions
Symbol
TYP.
UNIT
35
0.3
mV
mA
MIN.
MAX.
O
I = 1A, T = 25 C
F
J
O
I = 2.5A, T = 25 C
F
J
390
O
I = 5A, T = 25 C
F
J
470
O
V
= V
T = 125 C
R
R R M
J
I
R R M
2
Peak repetitive reverse surge current
O
I = 1A, T = 125 C
F
J
O
I = 2.5A, T = 125 C
F
J
O
I = 5A, T = 125 C
F
J
340
470
230
320
440
0.054
10
• Epoxy:UL94-V0 rated flame retardant
• Case : Molded plastic, DO-214AC / SMAS
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : Indicated by cathode band
• Weight : Approximated 0.08 gram
Document ID : DS-12K9V
Revised Date : 2017/03/15
Revision : C5
Chip Integration Technology Corporation
Super Low Barrier High Voltage Power Rectifier
Main Product Characteristics
I
F ( AV )
5A
V
R R M
T
J
V
( Ty p )
45V
O
150 C
0.32V
Operating Junction temperature
T
J
-55 ~ +150
O C
Dimensions in inches and (millimeters)
■ Outline
SMAS(DO-214AC)
0.205(5.2)
0.193(4.9)
0.114(2.9)
0.098(2.5)
0.075(1.9)
0.061(1.55)
0.039 (1.0)
0.039(1.0)
0.053(1.35)
0.065(1.65)
Marking code
0.028 (0.7)
0.028(0.7)


Similar Part No. - CSL545AS-A

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CSL545B-A CITC-CSL545B-A Datasheet
457Kb / 3P
5A Surface Mount Low Barrier Diode
More results

Similar Description - CSL545AS-A

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CSF20150CT-A CITC-CSF20150CT-A Datasheet
481Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSP8S60S-A CITC-CSP8S60S-A Datasheet
468Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSP10L45S-A CITC-CSP10L45S-A Datasheet
475Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSP15L50S-A CITC-CSP15L50S-A Datasheet
465Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSP15S50S-A CITC-CSP15S50S-A Datasheet
469Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSP560S-A CITC-CSP560S-A Datasheet
477Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSP10200SG-A CITC-CSP10200SG-A Datasheet
504Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSR5200-A CITC-CSR5200-A Datasheet
457Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSRL1060-A CITC-CSRL1060-A Datasheet
457Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSRS1045-A CITC-CSRS1045-A Datasheet
457Kb / 3P
Super Low Barrier High Voltage Power Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com