Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSL545B-A Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # CSL545B-A
Description  5A Surface Mount Low Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CSL545B-A Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  CSL545B-A Datasheet HTML 1Page - Chip Integration Technology Corporation CSL545B-A Datasheet HTML 2Page - Chip Integration Technology Corporation CSL545B-A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
■
Features
■ Mechanical dat
a
■
Maximum ratings and electrical characteristics
■
Outline
Low profile surface mounted application in order to
•
optimize board space.
Low forward voltage drop.
•
Excellent high temperature stability.
•
Fast switching capability.
•
Suffix "G" indicates Halogen-free part, ex.CSL545BG-A.
•
Lead-free parts meet environmental standards of
•
MIL-STD-19500 /228
5A Surface Mount Low Barrier Diode
CSL545B-A
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Forward rectified current
Forward surge current
Thermal resistance
Operating and Storage temperature
Parameter
Marking code
DC blocking voltage
Working peak reverse voltage
Peak repetitive reverse voltage
Peak repetitive reverse surge current
I
O
I
FSM
T , T
J
STG
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
Conditions
Symbol
CSL545B-A
UNIT
-65 ~ +150
5
150
A
A
OC/W
OC
40
R
θ J C
Junction to case
CSL545
V
RM
V
RWM
V
RRM
45
V
I
RRM
A
2us - 1kHz
2
Forward voltage drop
Reverse current
Parameter
V
F
I
R
O
V = V
T = 25 C
R
RRM
J
O
V = V
T = 125 C
R
RRM
J
Conditions
Symbol
TYP.
UNIT
100
0.5
mV
mA
MIN.
MAX.
O
I = 5A, T = 25 C
F
J
O
I = 5A, T = 125 C
F
J
400
470
Dimensions in inches and (millimeters)
SMB(DO-214AA)
Marking code
0.126 (3.20)
0.078 (1.99)
0.087 (2.20)
0.071 (1.80)
0.157 (4.00)
0.130 (3.30)
0.191 (4.85)
0.157 (4.00)
0.012 (0.31)
MAX.
0.220 (5.60)
0.197 (5.00)
0.063 (1.60)
0.028 (0.70)
0.008 (0.21)
MAX.
•
Epoxy:UL94-V0 rated flame retardant
•
Case : Molded plastic, DO-214AA / SMB
•
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
•
Polarity : Indicated by cathode band
•
Weight : 0.003 ounce, 0.091 gram
Document ID : DS-12KFA
Revised Date : 2014/04/16
Revision : C


Similar Part No. - CSL545B-A

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CSL545AS-A CITC-CSL545AS-A Datasheet
458Kb / 3P
Super Low Barrier High Voltage Power Rectifier
More results

Similar Description - CSL545B-A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBRM560 DIODES-MBRM560_1 Datasheet
84Kb / 4P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30299 Rev. 5 - 2
SBM540 DIODES-SBM540_2 Datasheet
118Kb / 4P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 7 - 2
logo
Frontier Electronics.
SS52B-LFR FRONTIER-SS52B-LFR Datasheet
124Kb / 2P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
CL545A CITC-CL545A Datasheet
470Kb / 3P
5A Surface Mount Low Barrier Diode
CL545B CITC-CL545B Datasheet
457Kb / 3P
5A Surface Mount Low Barrier Diode
CSL5100B-A CITC-CSL5100B-A Datasheet
469Kb / 3P
5A Surface Mount Low Barrier Diode
CSP545S-A CITC-CSP545S-A Datasheet
464Kb / 3P
5A Surface Mount Low Barrier Diode
CSS560B-A CITC-CSS560B-A Datasheet
458Kb / 3P
5A Surface Mount Super Low Barrier Diode
SK52B CITC-SK52B Datasheet
460Kb / 3P
5A Surface Mount Schottky Barrier Rectifiers
SK54MAFG CITC-SK54MAFG Datasheet
505Kb / 4P
5A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com