Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS545B-A Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # CSS545B-A
Description  Super Low Barrier High Voltage Power Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CSS545B-A Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  CSS545B-A Datasheet HTML 1Page - Chip Integration Technology Corporation CSS545B-A Datasheet HTML 2Page - Chip Integration Technology Corporation CSS545B-A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
■ Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
■ Outline
Low forward voltage drop.
•
Excellent high temperature stability.
•
Fast switching capability.
•
Suffix "G" indicates Halogen-free part, ex.CSS545BG-A.
•
Lead-free parts meet environmental standards of
•
MIL-STD-19500 /228
Forward rectified current
Forward surge current
Thermal resistance
Operating and Storage temperature
Parameter
Marking code
DC blocking voltage
Working peak reverse voltage
Peak repetitive reverse voltage
Forward voltage drop
Reverse current
Parameter
V
F
I
R
O
V
= V
T = 25 C
R
R R M
J
O
V
= V
T = 125 C
R
R R M
J
Conditions
Symbol
TYP.
UNIT
25
0.08
mV
mA
MIN.
MAX.
O
I = 5A, T = 25 C
F
J
O
I = 5A, T = 125 C
F
J
360
435
SMB(DO-214AA)
• Epoxy:UL94-V0 rated flame retardant
• Case : Molded plastic, DO-214AA / SMB
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : Indicated by cathode band
• Weight : 0.003 ounce, 0.091 gram
I
O
I
F S M
T , T
J
S T G
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
Conditions
Symbol
CSS545B-A
UNIT
-55 ~ +150
5
100
A
A
O C/W
O C
30
R
θ J C
Junction to case
CSS545
V
R M
V
RW M
V
R R M
45
V
CSS545B-A
Document ID : DS-12KD0
Revised Date : 2015/08/06
Revision : C5
Marking code
0.126 (3.20)
0.078 (1.99)
0.087 (2.20)
0.071 (1.80)
0.157 (4.00)
0.130 (3.30)
0.191 (4.85)
0.157 (4.00)
0.012 (0.31)
MAX.
0.220 (5.60)
0.197 (5.00)
0.063 (1.60)
0.028 (0.70)
0.008 (0.21)
MAX.
Main Product Characteristics
I
F ( AV )
5A
V
R R M
T
J
V
( Ty p )
45V
O
150 C
0.36V
Chip Integration Technology Corporation
Super Low Barrier High Voltage Power Rectifier


Similar Part No. - CSS545B-A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CSS500 TDK-CSS500 Datasheet
746Kb / 2P
500W AC-DC Medical or Industrial Power Supplies
CSS500-12 TDK-CSS500-12 Datasheet
746Kb / 2P
500W AC-DC Medical or Industrial Power Supplies
CSS500-24 TDK-CSS500-24 Datasheet
746Kb / 2P
500W AC-DC Medical or Industrial Power Supplies
CSS500-30 TDK-CSS500-30 Datasheet
746Kb / 2P
500W AC-DC Medical or Industrial Power Supplies
CSS500-36 TDK-CSS500-36 Datasheet
746Kb / 2P
500W AC-DC Medical or Industrial Power Supplies
More results

Similar Description - CSS545B-A

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CSF20150CT-A CITC-CSF20150CT-A Datasheet
481Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSP8S60S-A CITC-CSP8S60S-A Datasheet
468Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSP10L45S-A CITC-CSP10L45S-A Datasheet
475Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSP15L50S-A CITC-CSP15L50S-A Datasheet
465Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSP15S50S-A CITC-CSP15S50S-A Datasheet
469Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSP560S-A CITC-CSP560S-A Datasheet
477Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSP10200SG-A CITC-CSP10200SG-A Datasheet
504Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSR5200-A CITC-CSR5200-A Datasheet
457Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSRL1060-A CITC-CSRL1060-A Datasheet
457Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSRS1045-A CITC-CSRS1045-A Datasheet
457Kb / 3P
Super Low Barrier High Voltage Power Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com