Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS560B-A Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # CSS560B-A
Description  5A Surface Mount Super Low Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CSS560B-A Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  CSS560B-A Datasheet HTML 1Page - Chip Integration Technology Corporation CSS560B-A Datasheet HTML 2Page - Chip Integration Technology Corporation CSS560B-A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
Reverse Voltage,V (V)
R
Fig. 2 - Instantaneous Forward
Characteristics
Fig. 3 - Reverse Characteristics
Instantaneous Forward Voltage,V (Volts)
F
Fig.1 - Pulse Derating Curve
O
Case Temperature,T ( C)
C
0
25
50
75
100
125
150
6
4
2
0
5
3
1
5A Surface Mount Super Low Barrier Diode
100
10
1
0.1
0.01
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
T =25°C
A
T =100°C
A
T =125°C
A
T =75°C
A
T =150°C
A
0
10
20
30
40
50
60
100
10
1
0.1
0.01
O
T =25 C
A
O
T =75 C
A
O
T =100 C
A
O
T =125 C
A
CSS560B-A
Document ID : DS-12KEJ
Revised Date : 2014/02/24
Revision : C1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com