Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CST20L40CT Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # CST20L40CT
Description  20A Trench Low Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CST20L40CT Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  CST20L40CT Datasheet HTML 1Page - Chip Integration Technology Corporation CST20L40CT Datasheet HTML 2Page - Chip Integration Technology Corporation CST20L40CT Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
■ Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
■ Outline
Low forward voltage drop.
•
Excellent high temperature stability.
•
Fast switching capability.
•
Lead-free parts meet environmental standards of
•
MIL-STD-19500 /228
20A Trench Low Barrier Diode
V
F
I
R
Forward voltage drop (per diode)
Reverse current (per diode)
Parameter
O
V
= V
T = 25 C
R
R R M
J
O
V
= V
T = 125 C
R
R R M
J
Conditions
Symbol
TYP.
UNIT
100
0.5
mV
mA
MIN.
MAX.
O
I = 10A, T = 25 C
F
J
O
I = 10A, T = 125 C
F
J
410
470
500
Note : 1.Thermal resistance from junction to case per leg, with heatsink size(1.35" x 0.95" x 0.18") Al-plate.
O
I = 20A, T = 25 C
F
J
600
CST20L40CT
I
O
I
F S M
I
R R M
T , T
J
S T G
Forward rectified current (total device)
Forward surge current (per diode)
Thermal resistance(1) (per diode)
Operating and Storage temperature
Parameter
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
Conditions
Symbol
CST20L40CT
UNIT
-65 ~ +150
20
180
A
A
O C/W
O C
2
R
θ J C
Junction to case
Peak repetitive reverse surge current
A
2us - 1kHz
3
Marking code
CST20L40CT
DC blocking voltage
Working peak reverse voltage
Peak repetitive reverse voltage
V
R M
V
RW M
V
R R M
40
V
(per diode)
Document ID : DS-11K7G
Revised Date : 2015/05/26
Revision : C4
• Epoxy : UL94-V0 rated flame retardant.
.
• Case : JEDEC TO-220AB molded plastic body
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026.
ed.
• Polarity: As mark
.
• Mounting Position : Any
.
• Weight : Approximated 2.25 gram
PIN 1
PIN 3
PIN 2
TO-220AB
symbol
Dimensions in inches(millimeters)
A
B
C
D
E
F
G
H
I
J
K
L
M
N
ØP
Min
Max
0.398(10.1)
0.406(10.3)
0.236(6.0)
0.252(6.4)
0.579(14.7)
0.594(15.1)
0.543(13.8)
0.551(14.0)
0.143(3.63)
0.159(4.03)
0.104(2.64)
0.112(2.84)
0.335(8.5)
0.350(8.9)
0.046(1.17)
0.054(1.37)
0.028(0.71)
0.036(0.91)
0.098(2.49)
0.102(2.59)
0.176(4.47)
0.184(4.67)
0.046(1.17)
0.054(1.37)
0.102(2.6)
0.110(2.8)
0.019(0.28)
0.021(0.48)
0.147(3.74)
0.155(3.94)
symbol
Dimensions in inches(millimeters)
A
B
C
D
E
F
G
H
I
J
K
L
M
N
ØP
Min
Max
0.394(10.0)
0.413(10.5)
0.228(5.8)
0.268(6.8)
0.570(14.48)
0.625(15.87)
0.519(13.18)
0.558(14.18)
0.089(3.5)
0.099(3.9)
0.100(2.54)
0.120(3.04)
0.330(8.38)
0.350(8.9)
0.045(1.15)
0.060(1.52)
0.029(0.75)
0.037(0.95)
0.095(2.42)
0.105(2.66)
0.160(4.07)
0.190(4.82)
0.045(1.15)
0.055(1.39)
0.080(2.04)
0.110(2.8)
0.013(0.33)
0.019(0.52)
0.148(3.75)
0.156(3.95)
Alternate
Marking code
A
ØP
B
1
2
3
J
L
C
D
E
F
G
H
I
K
M
N
Marking code
A
ØP
B
1
2
3
J
L
C
D
E
F
G
H
I
K
M
N
C


Similar Part No. - CST20L40CT

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
CST2010 COILCRAFT-CST2010 Datasheet
182Kb / 2P
Current Sense Transformers
CST2010-020L_ COILCRAFT-CST2010-020L_ Datasheet
182Kb / 2P
Current Sense Transformers
CST2010-030L_ COILCRAFT-CST2010-030L_ Datasheet
182Kb / 2P
Current Sense Transformers
CST2010-040L_ COILCRAFT-CST2010-040L_ Datasheet
182Kb / 2P
Current Sense Transformers
CST2010-050L_ COILCRAFT-CST2010-050L_ Datasheet
182Kb / 2P
Current Sense Transformers
More results

Similar Description - CST20L40CT

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CSF20L60CT-A CITC-CSF20L60CT-A Datasheet
471Kb / 3P
20A Low Barrier Diode
CSF20L100CT-A CITC-CSF20L100CT-A Datasheet
468Kb / 3P
20A Low Barrier Diode
CSF20L200CT CITC-CSF20L200CT Datasheet
468Kb / 3P
20A Low Barrier Diode
CSF20L200CT-A CITC-CSF20L200CT-A Datasheet
468Kb / 3P
20A Low Barrier Diode
CSP20S60S-A CITC-CSP20S60S-A Datasheet
465Kb / 3P
20A Surface Mount Low Barrier Diode
CST10S40CT CITC-CST10S40CT Datasheet
466Kb / 3P
10A Trench Low Barrier Diode
CST30L40CT CITC-CST30L40CT Datasheet
465Kb / 3P
30A Trench Low Barrier Diode
CSTF10S40CT CITC-CSTF10S40CT Datasheet
467Kb / 3P
10A Trench Low Barrier Diode
CSTF20L40CT CITC-CSTF20L40CT Datasheet
467Kb / 3P
20A Trench Low Barrier Diode
logo
SamHop Microelectronics...
SRD20L150PHD SAMHOP-SRD20L150PHD Datasheet
61Kb / 4P
20A Trench Barrier Schottky Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com