Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUF420M Datasheet(PDF) 3 Page - STMicroelectronics

Part # BUF420M
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUF420M Datasheet(HTML) 3 Page - STMicroelectronics

  BUF420M Datasheet HTML 1Page - STMicroelectronics BUF420M Datasheet HTML 2Page - STMicroelectronics BUF420M Datasheet HTML 3Page - STMicroelectronics BUF420M Datasheet HTML 4Page - STMicroelectronics BUF420M Datasheet HTML 5Page - STMicroelectronics BUF420M Datasheet HTML 6Page - STMicroelectronics BUF420M Datasheet HTML 7Page - STMicroelectronics BUF420M Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ts
tf
tc
INDUCTIVE LOAD
Storage Time
Fall Time
Cross Over Time
IC = 10 A
VCC = 50 V
VBB = 0
RBB = 0.15
Ω
Vclamp = 400 V
IB1 = 1 A
L = 0.25 mH
TC =100
oC
3
0.15
0.25
µs
µs
µs
VCEW
Maximum Collector
Emitter Voltage
without Snubber
IC = 10 A
VCC = 50 V
VBB = 0
RBB = 0.15
Ω
IB1 = 1 A
L = 0.25 mH
TC =125
oC
500
V
ts
tf
tc
INDUCTIVE LOAD
Storage Time
Fall Time
Cross Over Time
IC = 20 A
VCC = 50 V
VBB = -5 V
RBB =0.6
Ω
Vclamp = 400 V
IB1 = 4 A
L = 0.12 mH
2.2
0.06
0.12
µs
µs
µs
ts
tf
tc
INDUCTIVE LOAD
Storage Time
Fall Time
Cross Over Time
IC = 20 A
VCC = 50 V
VBB = - 5 V
RBB = 0.6
Ω
Vclamp = 400 V
IB1 = 4 A
L = 0.12 mH
TC =125
oC
3.5
0.12
0.3
µs
µs
µs
VCEW
Maximum Collector
Emitter Voltage
without Snubber
ICWoff = 30 A
VCC = 50 V
VBB = - 5 V
RBB = 0.6
Ω
L = 0.12 mH
IB1 = 6 A
TC =125
oC
400
V
BUF420M
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com