Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUX98C Datasheet(PDF) 1 Page - STMicroelectronics

Part # BUX98C
Description  HIGH POWER NPN SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUX98C Datasheet(HTML) 1 Page - STMicroelectronics

  BUX98C Datasheet HTML 1Page - STMicroelectronics BUX98C Datasheet HTML 2Page - STMicroelectronics BUX98C Datasheet HTML 3Page - STMicroelectronics BUX98C Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BUX98C
HIGH POWER NPN SILICON TRANSISTOR
s
STMicroelectronics PREFERRED
SALESTYPE
s
NPN TRANSISTOR
s
HIGH VOLTAGE CAPABILITY
s
HIGH CURRENT CAPABILITY
s
FAST SWITCHING SPEED
APPLICATIONS:
s
HIGH FREQUENCY AND EFFICENCY
CONVERTERS
s
LINEAR AND SWITCHING INDUSTRIAL
EQUIPMENT
DESCRIPTION
The BUX98C is a Silicon Multi Epitaxial Mesa
NPN transistor in Jedec TO-3 metal case,
intended for use in switching and industrial
applications from single and three-phase mains
operations.
INTERNAL SCHEMATIC DIAGRAM
September 2003
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCER
Collector-Emitter Voltage (RBE
≤ 0 Ω)
1200
V
VCES
Collector-Emitter Voltage (VBE = 0)
1200
V
VCEO
Collector-Emitter Voltage
700
V
VEBO
Emitter-Base Voltage (IC = 0)
7
V
IC
Collector Current
30
A
ICM
Collector Peak Current (tp < 5 ms)
60
A
ICMP
Collector Peak Current non Repetitive
80
A
IB
Base Current
8
A
IBM
Base Peak Current (tp < 5 ms)
30
A
Ptot
Total Dissipation at Tc = 25
oC
250
W
Tstg
Storage Temperature
-65 to 200
o C
Tj
Max. Operating Junction Temperature
200
o C
1
2
TO-3
(version R)
®
1/4


Similar Part No. - BUX98C

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BUX98C NJSEMI-BUX98C Datasheet
91Kb / 3P
HIGH POWER NPN SILICON TRANSISTOR
logo
Inchange Semiconductor ...
BUX98C ISC-BUX98C Datasheet
259Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - BUX98C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N3771 STMICROELECTRONICS-2N3771 Datasheet
64Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Jun-1997
logo
ON Semiconductor
2N5882 ONSEMI-2N5882 Datasheet
98Kb / 8P
Silicon NPN High-Power Transistor
March, 2001 ??Rev. 2
logo
STMicroelectronics
2N6547 STMICROELECTRONICS-2N6547 Datasheet
46Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Oct-2001
BUT100 STMICROELECTRONICS-BUT100_03 Datasheet
45Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Feb-2003
2N3771 STMICROELECTRONICS-2N3771_00 Datasheet
46Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Dec-2000
logo
New Jersey Semi-Conduct...
2N1618 NJSEMI-2N1618 Datasheet
157Kb / 2P
HIGH POWER NPN SILICON TRANSISTOR
2N3772 NJSEMI-2N3772 Datasheet
124Kb / 1P
HIGH POWER NPN SILICON TRANSISTOR
BUX10 NJSEMI-BUX10 Datasheet
98Kb / 3P
HIGH POWER NPN SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
2N6676 MA-COM-2N6676 Datasheet
482Kb / 4P
NPN High Power Silicon Transistor
logo
New Jersey Semi-Conduct...
MJE2801 NJSEMI-MJE2801 Datasheet
84Kb / 1P
HIGH-POWER NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com