Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST8205J Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SST8205J
Description  N-Ch Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SST8205J Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SST8205J Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SST8205J Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SST8205J Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Elektronische Bauelemente
SST8205J
6A, 19V, RDS(ON) 25 mΩ
Ω
Ω
Ω
N-Ch Enhancement Mode Power MOSFET
22-Oct-2015 Rev. A
Page 2 of 3
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Static Characteristics
Drain-Source Breakdown Voltage
BVDSS
19
-
-
V
VGS=0, ID=250µA
Drain-Source Leakage Current
IDSS
-
-
1
µA
VDS=18V, VGS=0
Gate-Body Leakage Current
IGSS
-
-
±100
nA
VDS=0, VGS=±10V
Gate-Threshold Voltage
3
VGS(th)
0.5
-
0.9
V
VDS=VGS, ID=250µA
-
-
25
VGS=4.5V, ID=6A
Drain-Source On-Resistance
3
RDS(ON)
-
-
32
m
VGS=2.5V, ID=5A
Forward Transconductance
3
gfs
-
10
-
S
VDS=5V, ID=4.5A
Diode Forward Voltage
3
VSD
-
-
1.2
V
IS=1.25A, VGS=0
Switching Characteristics
Total Gate Charge
Qg
-
11
-
Gate-Source Charge
Qgs
-
2.3
-
Gate-Drain (“Miller”) Charge
Qgd
-
2.5
-
nC
VDS=10V
VGS=4.5V
ID=4A
Turn-on Delay Time
Td(on)
-
18
-
Rise Time
Tr
-
5
-
Turn-off Delay Time
Td(off)
-
43
-
Fall Time
Tf
-
20
-
nS
VDD=10V
VGS=4V
RGEN=10
ID=1A
Dynamic Characteristics
Input Capacitance
Ciss
-
800
-
Output Capacitance
Coss
-
155
-
Reverse Transfer Capacitance
Crss
-
125
-
pF
VDS=8V
VGS=0
f=1MHz
Notes:
1.
Repetitive rating : Pulse width is limited by the maximum junction temperature.
2.
Surface Mounted on FR4 board, t≤10sec.
3.
Pulse test : Pulse width≤300µs, duty cycle≤2%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com