Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BS-CD46RD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BS-CD46RD
Description  SINGLE DIGIT LED DISPLAYS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BS-CD46RD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BS-CD46RD Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part No.
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 10mA)
Vf
(v)
Digit Size
Common
Anode
Common
Cathode
Material/Emitted
Color
Peak
Wave
Length
p(nm)
(nm)
Pd
(mw)
If
(mA)
Ifp
(mA)
Typ. Max.
Iv. Typ.
Per.Seg.
(mcd)
Drawing
No.
BS-AD41RD
BS-CD41RD
GaAsP/Red
655
40 320
40
200 6.8
8.0
6.0
BS-AD45RD
BS-CD45RD
BS-AD45RE
BS-CD45RE
GaP/ Bright Red
700
90 160
15
50
8.8 10.0
8.0
BS-AD42RD
BS-CD42RD
GaP/ Green
568
30 310
30
150 8.8 10.0
12.0
BS-AD43RD
BS-CD43RD
GaAsP/GaP/ Yellow
585
35 310
30
150 8.4 10.0
10.0
GaAsP/GaP/ Hi-Eff.Red
BS-AD44RD
BS-CD44RD
GaAsP/GaP/ Orange
635
45 310
30
150 8.0 10.0
12.0
BS-AD46RD
BS-CD46RD
GaAlAs/ SH Super Red
660
20 310
30
150 6.8 10.0
18.0
2.30"
Single-Digit
BS-AD4FRD
BS-CD4FRD
GaAlAs/ DDH Super Red
660
20 310
30
150 8.0 10.0
25.0
SD-59
BS-AF01RD
BS-CF01RD
GaAsP/Red
655
40 480
40
200 9.6 12.0
8.5
BS-AF05RD
BS-CF05RD
BS-AF05RE
BS-CF05RE
GaP/ Bright Red
700
90 230
15
50 12.6 15.0
10.0
BS-AF02RD
BS-CF02RD
GaP/ Green
568
30 460
30
150 12.6 15.0
14.0
BS-AF03RD
BS-CF03RD
GaAsP/GaP/ Yellow
585
35 460
30
150 12.0 15.0
12.0
GaAsP/GaP/ Hi-Eff.Red
BS-AF04RD
BS-CF04RD
GaAsP/GaP/ Orange
635
45 460
30
150 11.5 15.0
14.0
BS-AF06RD
BS-CF06RD
GaAlAs/ SH Super Red
660
20 460
30
150 10.2 15.0
15.0
3.00"
Single-Digit
BS-AF0FRD
BS-CF0FRD
GaAlAs/ DDH Super Red
660
20 460
30
150 12.0 15.0
25.0
SD-60
SD-59
BS-A
CD4xRD
SD-60
BS-A
CF0xRD
NOTES: 1.All Dimensions are in millimeters(inches).
2.Tolerance isA0.25mm(.010N).
3.Specifications are subject to change without notice.
4.NP:No Pin.
5.NC:No Connect.
12.00(.472)
E0.50(.020)
2.54(.100)
3.00(.118)MIN.
47.70(1.878)
10B
56.90(2.240)
PIN 1.
+
69.70(2.744)
E5.5(.217)
D
E
F
DP
C
G
B
F
9
AB
7
6
E
D
C
43
2
DP
G
5
10
59.80(2.354)
A
BS-AD4xRD
1,8
31.90(1.256)
BS-AF0xRD
46.00(1.811)
10 X
109.80(4.323)
MIN.
13.00(.512)
E0.80(.031)
76.00(2.992)
PIN 1.
69.80(2.748)
3.00(.118)
5.08(.200)
+
E6.0(.236)
80.50(3.169)
DP2
E
D
F
G
A
DP1
C
B
3
DP2
2
65
7
A
C
B
D
4
9
110
E F
DP1
G
8
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BS-CD46RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BS-CD46RD BRIGHT-BS-CD46RD Datasheet
171Kb / 3P
56.90mm(2.30) high single digit seven segments display
More results

Similar Description - BS-CD46RD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BS-A411RD ETC-BS-A411RD Datasheet
183Kb / 2P
SINGLE DIGIT LED DISPLAYS
BS-AD11RD ETC-BS-AD11RD Datasheet
127Kb / 1P
SINGLE DIGIT LED DISPLAYS
BS-AD31RD ETC-BS-AD31RD Datasheet
152Kb / 1P
SINGLE DIGIT LED DISPLAYS
BS-AE11RD-A ETC-BS-AE11RD-A Datasheet
139Kb / 1P
SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BF-A321RD YSTONE-BF-A321RD Datasheet
187Kb / 2P
SINGLE DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BS-A831RD ETC1-BS-A831RD Datasheet
260Kb / 2P
SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BS-AB31RD YSTONE-BS-AB31RD Datasheet
269Kb / 2P
SINGLE DIGIT LED DISPLAYS
BS-AE01RD YSTONE-BS-AE01RD Datasheet
130Kb / 1P
SINGLE DIGIT LED DISPLAYS
BS-AG21 YSTONE-BS-AG21 Datasheet
137Kb / 1P
SINGLE DIGIT LED DISPLAYS
BS-A561RD YSTONE-BS-A561RD Datasheet
189Kb / 2P
SINGLE DIGIT LED DISPLAYS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com