Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLZ Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # VLZ
Description  Hermetically Sealed Glass Zener Voltage Regulators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

VLZ Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  VLZ Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH VLZ Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH VLZ Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH VLZ Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH VLZ Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VLZ Series
500 mW
Hermetically Sealed Glass Zener Voltage Regulators
Elektronische Bauelemente
14-Apr-2011 Rev. A
Page 4 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Notes:
1.
TOLERANCE AND VOLTAGE DESIGNATION
The type numbers listed have zener voltage as shown.
2.
SPECIALS AVAILABLE INCLUDE
Nominal zener voltages between the voltages shown and tighter voltage, for detailed information on price, availability and delivery,
contact you nearest SeCoS representative.
3.
ZENER VOLTAGE (VZ) MEASUREMENT
The zener voltage is measured under pulse conditions such that TJ is no more than 2℃ above TA.
4.
ZENER IMPEDANCE (ZZ) DERIVATION
Zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an RMS value equal to 10% of the
dc zener current (IZT) is superimposed to IZT
5.
WHEN ORDERING, PLEASE SPECIFY TOLERANCE A, B. C OR D



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com