Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLZ2V2 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # VLZ2V2
Description  Hermetically Sealed Glass Zener Voltage Regulators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

VLZ2V2 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  VLZ2V2 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH VLZ2V2 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH VLZ2V2 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH VLZ2V2 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH VLZ2V2 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VLZ Series
500 mW
Hermetically Sealed Glass Zener Voltage Regulators
Elektronische Bauelemente
14-Apr-2011 Rev. A
Page 2 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL RATINGS (T
A=25°C unless otherwise noted)
Device
Type
Tolerance
VZ @ IZT
(Volts)
IZT
(mA)
ZZT @ IZT
(Ω)
Max
ZZK @ IZK
(Ω)
Max
IZK
(mA)
IR @ VR
(μA)
Max
VR
(Volts)
VZ
(Min)
VZ
(Max)
VLZ2V2
A
2.12
2.30
20
35
400
1
55
0.7
B
2.22
2.41
VLZ2V4
A
2.33
2.52
20
35
400
1
84
1
B
2.43
2.63
VLZ2V7
A
2.54
2.75
20
35
450
1
70
1
B
2.69
2.91
VLZ3V0
A
2.85
3.07
20
35
450
1
35
1
B
3.01
3.22
VLZ3V3
A
3.16
3.38
20
35
450
1
14
1
B
3.32
3.53
VLZ3V6
A
3.46
3.70
20
48
850
1
2.8
1
B
3.60
3.85
VLZ3V9
A
3.74
4.01
20
40
850
1
1.4
1
B
3.89
4.16
VLZ4V3
A
4.04
4.29
20
32
850
1
0.47
1
B
4.17
4.43
C
4.30
4.57
VLZ4V7
A
4.44
4.68
20
21
770
1
0.19
1
B
4.55
4.80
C
4.68
4.93
VLZ5V1
A
4.81
5.07
20
17
685
1
0.19
1.5
B
4.94
5.20
C
5.09
5.37
VLZ5V6
A
5.28
5.55
20
10.5
425
1
0.75
2.5
B
5.45
5.73
C
5.61
5.91
VLZ6V2
A
5.78
6.09
20
8.5
255
1
3.30
3.0
B
5.96
6.27
C
6.12
6.44
VLZ6V8
A
6.29
6.63
20
6.6
123
0.5
1.10
3.5
B
6.49
6.83
C
6.66
7.01
VLZ7V5
A
6.85
7.22
20
6.6
95
0.5
0.30
4.0
B
7.07
7.45
C
7.29
7.67
VLZ8V2
A
7.53
7.92
20
6.6
95
0.5
0.30
5.0
B
7.78
8.19
C
8.03
8.45
VLZ9V1
A
8.29
8.73
20
6.6
95
0.5
0.30
6.0
B
8.57
9.01
C
8.83
9.30
VLZ10V
A
9.12
9.59
20
6.6
95
0.5
0.11
7.0
B
9.41
9.90
C
9.70
10.2
VLZ11V
A
10.18
10.71
10
8.5
95
0.5
0.133
8.0
B
10.50
11.05
C
10.82
11.38



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com