Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPC-5500S Datasheet(PDF) 2 Page - AAEON Technology

Part # VPC-5500S
Description  In-Vehicle Network Video Recorder Platform with Intel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

VPC-5500S Datasheet(HTML) 2 Page - AAEON Technology

  VPC-5500S Datasheet HTML 1Page - AAEON Technology VPC-5500S Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12-5
12-6
www.aaeon.com
www.aaeon.com
Note: All specifications are subject to change without notice.
Note: All specifications are subject to change without notice.
Dimension
Unit: mm
VPC-5500S
• Product CD
• VPC-5500S
Packing List
Ordering Information
Part Number
Chipset
RAM
Cooler
Storage
RAID
Support
Display
LAN
PoE
USB
RS-232
RS-232/422/485
Expansion Slot
Form
Factor
Power
VPC-5500S-I47-A10-W1
Intel® Core i7-4700EQ
204-pin
SODIMM
Fanless
2.5” HDD tray x 2 ,
mSATA slot x 1
0/1
VGA x 1,
HDMI x 1, DP x 1
GbE x 5
4 Ports
USB3.0 x 4,
USB2.0 x 2
2
2
Mini-Card slot x 3 (for 3G/4G/Wifi
Module) Built-in CAN 2.0B x 1
Desktop
DC 10-35V
288
322
?1
0
?5
306
Optional Accessories
• 1255901204
120W Adapter, AC Input, 19V DC for VPC Series
• 9741909A00
WiFi Module Kit, 802.11 a/b/g/n + BT 4.0, (Bointec DPE-909AA), with Cable & Antenna
• 17599RFA0B
WiFi Antenna
• 1700010252
WiFi Coaxial Cable
• 978966660G
GPS Antenna
• 9741809000
3G Module Kit, with Cable and Antenna, Sierra, MC8090
• 17599RFA09
3G Antenna
• 1700010255
3G Coaxial Cable
• 9741EC20E0
PCIe Mini Card, 4G LTE Module Kit for Europe/Asia, Quectel, EC20-E



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com