Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL3-DC09 Datasheet(PDF) 3 Page - SICK AG

Part # LL3-DC09
Description  FIBER-OPTIC SENSORS AND FIBERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

LL3-DC09 Datasheet(HTML) 3 Page - SICK AG

  LL3-DC09 Datasheet HTML 1Page - SICK AG LL3-DC09 Datasheet HTML 2Page - SICK AG LL3-DC09 Datasheet HTML 3Page - SICK AG LL3-DC09 Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LL3-DC09 | LL3
FIBER-OPTIC SENSORS AND FIBERS
ECl@ss 6.2
27270905
ECl@ss 7.0
27270905
ECl@ss 8.0
27270905
ECl@ss 8.1
27270905
ECl@ss 9.0
27270905
ETIM 5.0
EC002651
ETIM 6.0
EC002651
UNSPSC 16.0901
39121528
Sensing ranges with WLL180T
Operating mode 16 µs
6 mm ... 8 mm
Operating mode 70 µs
6 mm ... 10 mm
Operating mode 250 µs
5 mm ... 11 mm
Operating mode 2 ms
4 mm ... 13 mm
Operating mode 8 ms
9 mm ... 17 mm
Sensing ranges with GLL170
Operating mode 250 µs
4 mm ... 9 mm
Sensing ranges with GLL170T
Operating mode 50 µs
10 mm ... 14 mm
Operating mode 250 µs
6 mm ... 19 mm
Dimensional drawing (Dimensions in mm (inch))
LL3-DC09
2000
14
2.5
20
Ø 3 x 2
Ø 3
Ø 1 x 2
Ø 0.5 x 1
2017-08-15 16:43:06 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com