Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL3-DC04 Datasheet(PDF) 2 Page - SICK AG

Part # LL3-DC04
Description  FIBER-OPTIC SENSORS AND FIBERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

LL3-DC04 Datasheet(HTML) 2 Page - SICK AG

  LL3-DC04 Datasheet HTML 1Page - SICK AG LL3-DC04 Datasheet HTML 2Page - SICK AG LL3-DC04 Datasheet HTML 3Page - SICK AG LL3-DC04 Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
LL3-DC04 | LL3
FIBER-OPTIC SENSORS AND FIBERS
Ordering information
Type
Part no.
LL3-DC04
5326018
Other models and accessories
www.sick.com/LL3
Detailed technical data
Features
Device type
Fibers
Detection principle
Proximity system
For fiber-optic sensor
GLL170(T), WLL180T
Fiber length
3 m
Fiber material
Polymethylmethacrylat (PMMA)
Jacket material
Polyethylen (PE)
Fiber head material
Acrylnitril-Butadien-Styrol (ABS)
Outer diameter, fiber-optic cable connec-
tion
1.3 mm
Fiber-optic cable cuttable
✔ 1)
Fiber-optic head design
Flat type, 90° deflection
Fiber arrangement
Multi-fiber
Core structure
S: 9 x Ø 0,25 mm, R: 9 x Ø 0,25 mm Multi-fiber
Bend radius, fibre-optic cable
4 mm
Angle of dispersion < 60°
Yes
Compatibility with infrared light (1,450 nm) No
Ambient operating temperature
0 °C ... +70 °C
Application
High flexible (static), Robotics (dynamic flexible), lcd / clear material / semiconductor
Highly flexible/elastic fibers (bend radius
1–4 mm)
Yes
Adapter end sleeves required
Yes
Angle of dispersion
26.99°
Integrated lens
Yes
Minimal object diameter
0.4 mm 2)
Included with delivery
Adapter sleeves, BF-WLL160-13 (1.3 mm) adapter sleeves, FC fiber cutter (5304141)
Compatibility tip adapters
No
1) FC fiber optic cable cutter included in delivery.
2) Minimum detectable object was determined at optimum measuring distance and optimum setting.
Classifications
ECl@ss 5.0
27270905
ECl@ss 5.1.4
27270905
ECl@ss 6.0
27270905
ECl@ss 6.2
27270905
2
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-08-15 16:43:06
Subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com