Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3293B Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC3293B
Description  3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3293B Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC3293B Datasheet HTML 1Page - E-CMOS Corporation EC3293B Datasheet HTML 2Page - E-CMOS Corporation EC3293B Datasheet HTML 3Page - E-CMOS Corporation EC3293B Datasheet HTML 4Page - E-CMOS Corporation EC3293B Datasheet HTML 5Page - E-CMOS Corporation EC3293B Datasheet HTML 6Page - E-CMOS Corporation EC3293B Datasheet HTML 7Page - E-CMOS Corporation EC3293B Datasheet HTML 8Page - E-CMOS Corporation EC3293B Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
EC3293B
3A, 18V, 500KHz,
Synchronous Step Down DC/DC Converter
E-CMOS Corp. (www.ecmos.com.tw)
5G01N-Rev. F002
2/11
Pin Description
TSOT23-6L
Symbol
Description
1
BOOT High-side gate drive boost input.
2
GND
Ground.
3
FB
Feedback input.
4
EN
Enable input.
5
IN
Power input.
6
SW
Power switching output.
Application Information
Note: R5 and C7 are optional.
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com