Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3217 Datasheet(PDF) 13 Page - E-CMOS Corporation

Part # EC3217
Description  1.5MHz, 2A, Synchronous Step-Down Regulator Dropout
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3217 Datasheet(HTML) 13 Page - E-CMOS Corporation

Back Button EC3217 Datasheet HTML 8Page - E-CMOS Corporation EC3217 Datasheet HTML 9Page - E-CMOS Corporation EC3217 Datasheet HTML 10Page - E-CMOS Corporation EC3217 Datasheet HTML 11Page - E-CMOS Corporation EC3217 Datasheet HTML 12Page - E-CMOS Corporation EC3217 Datasheet HTML 13Page - E-CMOS Corporation EC3217 Datasheet HTML 14Page - E-CMOS Corporation EC3217 Datasheet HTML 15Page - E-CMOS Corporation EC3217 Datasheet HTML 16Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
EC3217
1.5MHz, 2A, Synchronous
Step-Down Regulator Dropout
Page 13 of 16
5F05N-Rev.F005
E-CMOS Corp. (www.ecmos.com.tw)
Function Description(Cont.)
Using Ceramic Input and Output
Capacitors
Higher values, lower cost ceramic capacitors are now
becoming available in smaller case sizes. Their high
ripple current, high voltage rating and low ESR make
them ideal for switching regulator applications. Because
the EC3217
’s control loop does not depend on the output
capacitor’s ESR for stable operation, ceramic capacitors
can be used freely to achieve very low output ripple and
small circuit size.
However, care must be taken when ceramic capacitors
are used at the input and the output. When a ceramic
capacitor is used at the input and the power is supplied
by a wall adapter through long wires, a load step at the
output can induce ringing at the input, VIN. At best, this
ringing can couple to the output and be mistaken as loop
instability. At worst, a sudden inrush of current through
the long wires can potentially cause a voltage spike at
VIN, large enough to damage the part.
When choosing the input and output ceramic capacitors,
choose the X5R or X7R dielectric formulations. These
dielectrics have the best temperature and voltage
characteristics of all the ceramics for a given value and
size.
Output Voltage Programming
In the adjustable version, the output voltage is set by a
resistive divider according to the following formula:
The external resistive divider is connected to the output,
allowing remote voltage sensing as shown in Figure5.
Figure 5:Setting the output Voltage
Vout
R1
R2
1.2V
150K
150K
1.5V
160K
240K
1.8V
150K
300K
2.5V
150K
470K
3.3V
150K
680K
Table 1. Vout VS. R1, R2, Cf Select Table
Efficiency Considerations
The efficiency of a switching regulator is equal to the
output power divided by the input power times 100%. It is
often useful to analyze individual losses to determine
what is limiting the efficiency and which change would
produce the most improvement. Efficiency can be
expressed as:
Efficiency = 100%
– (L1 + L2 + L3 + ...)
where L1, L2, etc. are the individual losses as a
percentage of input power.
Although all dissipative elements in the circuit produce
losses, two main sources usually account for most of the
losses in EC3217 circuits: VIN quiescent current and I2R
losses. The VIN quiescent current loss dominates the
efficiency loss at very low load currents whereas the I2R
loss dominates the efficiency loss at medium to high load
currents. In a typical efficiency plot, the efficiency curve
at very low load currents can be misleading since the
actual power lost is of no consequence as illustrated in
Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com